Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7500L-18-AB3-B-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT7500L-18-AB3-B-R
Description  HIGH DRIVER REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT7500L-18-AB3-B-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT7500L-18-AB3-B-R Datasheet HTML 1Page - Unisonic Technologies UT7500L-18-AB3-B-R Datasheet HTML 2Page - Unisonic Technologies UT7500L-18-AB3-B-R Datasheet HTML 3Page - Unisonic Technologies UT7500L-18-AB3-B-R Datasheet HTML 4Page - Unisonic Technologies UT7500L-18-AB3-B-R Datasheet HTML 5Page - Unisonic Technologies UT7500L-18-AB3-B-R Datasheet HTML 6Page - Unisonic Technologies UT7500L-18-AB3-B-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT7500
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-303.O
HIGH DRIVER REGULATOR
DESCRIPTION
The UTC UT7500 series is a low voltage regulator implemented
by CMOS technology which is composed of a three-terminal high
current. The input voltage for it is allowed as high as 24V and the
output voltage are fixed at 1.8V, 2.5V, 3.0V、3.3V、3.6V、4.0V and
5.0V. Besides, it delivers 100mA output current. Other outstanding
features of UTC UT7500 include low voltage drop and low quiescent
current.
When being used with external components, UTC UT7500 can
obtain variable voltages and currents.
UTC UT7500 series is very suitable for applications, such as
battery-powered
equipment,
communication
equipment
and
audio/video equipment.
FEATURES
* Very Low Power Consumption
* Very Low Voltage Drop
* Very Low Temperature Coefficient
* Up to 24V Input Voltage
* 100mA @ PD ≤ 250mW Output Current
* Tolerance ±3%
TO-92
1
SOT-89
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UT7500L-xx-AB3-B-R
UT7500G-xx-AB3-B-R
SOT-89
O
G
I
Tape Reel
UT7500L-xx-AB3-C-R
UT7500G-xx-AB3-C-R
SOT-89
G
I
O
Tape Reel
UT7500L-xx-T92-B-B
UT7500G-xx-T92-B-B
TO-92
O
G
I
Tape Box
UT7500L-xx-T92-B-K
UT7500G-xx-T92-B-K
TO-92
O
G
I
Bulk
UT7500L-xx-T92-C-B
UT7500G-xx-T92-C-B
TO-92
G
I
O
Tape Box
UT7500L-xx-T92-C-K
UT7500G-xx-T92-C-K
TO-92
G
I
O
Bulk
Note: Pin Assignment: I:VIN O:VOUT G:GND
xx: Output Voltage, refer to Marking Information.


Similar Part No. - UT7500L-18-AB3-B-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT7500L-XX-AB3-C-R UTC-UT7500L-XX-AB3-C-R Datasheet
275Kb / 7P
HIGH DRIVER REGULATOR
UT7500L-XX-T92-B-B UTC-UT7500L-XX-T92-B-B Datasheet
275Kb / 7P
HIGH DRIVER REGULATOR
UT7500L-XX-T92-B-K UTC-UT7500L-XX-T92-B-K Datasheet
275Kb / 7P
HIGH DRIVER REGULATOR
UT7500L-XX-T92-B-R UTC-UT7500L-XX-T92-B-R Datasheet
275Kb / 7P
HIGH DRIVER REGULATOR
UT7500L-XX-T92-C-B UTC-UT7500L-XX-T92-C-B Datasheet
275Kb / 7P
HIGH DRIVER REGULATOR
More results

Similar Description - UT7500L-18-AB3-B-R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75XX HOLTEK-HT75XX Datasheet
100Kb / 10P
High Driver Regulator
May 2, 2000
logo
Unisonic Technologies
UT7500 UTC-UT7500 Datasheet
213Kb / 7P
HIGH DRIVER REGULATOR
UT7500 UTC-UT7500_10 Datasheet
213Kb / 7P
HIGH DRIVER REGULATOR
UT7500 UTC-UT7500_12 Datasheet
275Kb / 7P
HIGH DRIVER REGULATOR
logo
ZP Semiconductor
HT7533 ZPSEMI-HT7533 Datasheet
351Kb / 9P
High Driver Regulator
HT7544 ZPSEMI-HT7544 Datasheet
351Kb / 9P
High Driver Regulator
HT7550 ZPSEMI-HT7550 Datasheet
351Kb / 9P
High Driver Regulator
HT7580 ZPSEMI-HT7580 Datasheet
351Kb / 9P
High Driver Regulator
logo
Guangdong Kexin Industr...
KA10O1XX KEXIN-KA10O1XX Datasheet
254Kb / 5P
High Driver Regulator
logo
ARTSCHIP ELECTRONICS CO...
HT75XX ARTSCHIP-HT75XX Datasheet
201Kb / 7P
High Driver Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com