Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7500G-25-AB3-B-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT7500G-25-AB3-B-R
Description  HIGH DRIVER REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT7500G-25-AB3-B-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT7500G-25-AB3-B-R Datasheet HTML 1Page - Unisonic Technologies UT7500G-25-AB3-B-R Datasheet HTML 2Page - Unisonic Technologies UT7500G-25-AB3-B-R Datasheet HTML 3Page - Unisonic Technologies UT7500G-25-AB3-B-R Datasheet HTML 4Page - Unisonic Technologies UT7500G-25-AB3-B-R Datasheet HTML 5Page - Unisonic Technologies UT7500G-25-AB3-B-R Datasheet HTML 6Page - Unisonic Technologies UT7500G-25-AB3-B-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UT7500
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-303.O
ELECTRICAL CHARACTERISTICS(Cont.)
FOR UT7500-33
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage Tolerance
VOUT
VIN =5.5V, IOUT=10mA
3.20
3.3
3.40
V
Input Voltage
VIN
24
V
Output Current
IOUT
VIN =5.5V
60
100
mA
Load Regulation
∆VOUT
VIN =5.5V, 1mA≦IOUT≦50mA
60
150
mV
Line Regulation
OUT
N
I
OUT
V
∆V
∆V
4.5V≦VIN≦12V, IOUT=1mA
0.2
%/V
Voltage Drop
VD
IOUT=1mA
100
mV
Current Consumption
ISS
VIN =5.5V , No load
10
20
μA
Temperature Coefficient
A
OUT
∆T
∆V
VIN =5.5V , IOUT=10mA
0°С<TA<70°С
±0.5
mV/°С
FOR UT7500-36
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage Tolerance
VOUT
VIN =5.6V, IOUT=10mA
3.49
3.6
3.71
V
Input Voltage
VIN
24
V
Output Current
IOUT
VIN =5.6V
60
100
mA
Load Regulation
∆VOUT
VIN =5.6V, 1mA≦IOUT≦50mA
60
150
mV
Line Regulation
OUT
N
I
OUT
V
∆V
∆V
4.6V≦VIN≦12V, IOUT=1mA
0.2
%/V
Voltage Drop
VD
IOUT=1mA
100
mV
Current Consumption
ISS
VIN =5.6V , No load
10
20
μA
Temperature Coefficient
A
OUT
∆T
∆V
VIN =5.6V , IOUT=10mA
0°С<TA<70°С
±0.5
mV/°С
FOR UT7500-40
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage Tolerance
VOUT
VIN =6.0V, IOUT=10mA
3.88
4
4.12
V
Input Voltage
VIN
24
V
Output Current
IOUT
VIN =6.0V
100
150
mA
Load Regulation
∆VOUT
VIN =6.0V, 1mA≦IOUT≦70mA
60
150
mV
Line Regulation
OUT
N
I
OUT
V
∆V
∆V
5V≦VIN≦12V, IOUT=1mA
0.2
%/V
Voltage Drop
VD
IOUT=1mA
100
mV
Current Consumption
ISS
VIN =6.0V , No load
10
20
μA
Temperature Coefficient
A
OUT
∆T
∆V
VIN =6.0V , IOUT=10mA
0°С<TA<70°С
±0.75
mV/°С
FOR UT7500-50
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage Tolerance
VOUT
VIN =7.0V, IOUT=10mA
4.85
5.0
5.15
V
Input Voltage
VIN
24
V
Output Current
IOUT
VIN =7.0V
100
150
mA
Load Regulation
∆VOUT
VIN =7.0V, 1mA≦IOUT≦70mA
60
150
mV
Line Regulation
OUT
N
I
OUT
V
∆V
∆V
6V≦VIN≦15V, IOUT=1mA
0.2
%/V
Voltage Drop
VD
IOUT=1mA
100
mV
Current Consumption
ISS
VIN =7.0V , No load
10
20
μA
Temperature Coefficient
A
OUT
∆T
∆V
VIN =7.0V , IOUT=10mA
0°С<TA<70°С
±0.75
mV/°С



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com