Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF-3000-CDF-0 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # CF-3000-CDF-0
Description  Replacement crimping die, for CF 3000-TOOLKIT 0,25 (0.25 to 0.75 mm짼)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

CF-3000-CDF-0 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  CF-3000-CDF-0 Datasheet HTML 1Page - PHOENIX CONTACT CF-3000-CDF-0 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/1212389
08/14/2018   Page 1 / 2
Replacement die - CF 3000 CDF 0,25 - 1212389
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Replacement crimping die, for CF 3000-TOOLKIT 0,25 (0.25 to 0.75 mm²)
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356470599
Technical data
Dimensions
Cable diameter
0.5 mm ... 1 mm
General
Min. cross section
0.25 mm²
Max. cross section
0.75 mm²
Approvals
Approvals
Approvals
EAC
Ex Approvals
Approval details


Similar Part No. - CF-3000-CDF-0

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CF-3000-CDM-0 PHOENIX-CF-3000-CDM-0 Datasheet
43Kb / 2P
Replacement crimping stamp, for CF 3000-TOOLKIT 0,25 (0.25 to 0.75 mm짼)
More results

Similar Description - CF-3000-CDF-0

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212390 PHOENIX-1212390 Datasheet
43Kb / 2P
Replacement die - CF 3000 CDM 0,25
CF-3000-BBE-AME0 PHOENIX-CF-3000-BBE-AME0 Datasheet
43Kb / 2P
Replacement processing insert 0.75 mm짼, for the crimping device CF 3000-2,5
CF-3000-CDM-0 PHOENIX-CF-3000-CDM-0 Datasheet
43Kb / 2P
Replacement crimping stamp, for CF 3000-TOOLKIT 0,25 (0.25 to 0.75 mm짼)
CF-3000-CFB-0 PHOENIX-CF-3000-CFB-0 Datasheet
43Kb / 2P
Replacement centering fork (bottom), for CF 3000-TOOLKIT 0,25
CF-3000-CFT-0 PHOENIX-CF-3000-CFT-0 Datasheet
43Kb / 2P
Replacement centering fork (top), for CF 3000-TOOLKIT 0,25
1212376 PHOENIX-1212376 Datasheet
45Kb / 2P
Conversion kit - CF 3000-TOOLKIT 0,25
1212378 PHOENIX-1212378 Datasheet
43Kb / 2P
Replacement sleeve feed - CF 3000 HZG 0,25
1212379 PHOENIX-1212379 Datasheet
45Kb / 2P
Replacement part - CF 3000 CG 0,25
1212389 PHOENIX-1212389 Datasheet
54Kb / 2P
Replacement die - CF 3000 CDF 0,25
3202779 PHOENIX-3202779 Datasheet
40Kb / 2P
Replacement die - CF 3000 CRIMPGESENK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com