Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNRF2AN Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UNRF2AN
Description  Silicon NPN epitaxial planar transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNRF2AN Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UNRF2AN Datasheet HTML 1Page - Panasonic Semiconductor UNRF2AN Datasheet HTML 2Page - Panasonic Semiconductor UNRF2AN Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Publication date: March 2003
SJH00082AED
Transistors with built-in Resistor
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
50
V
Collector-emitter voltage (Base open)
VCEO
50
V
Collector current
IC
80
mA
Total power dissipation
PT
100
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
UNRF2AN
Silicon NPN epitaxial planar transistor
For digital circuits
■ Features
• Suitable for high-density mounting and downsizing of the equip-
ment for Ultraminiature leadless package
0.6 mm
× 1.0 mm (height 0.39 mm)
■ Absolute Maximum Ratings T
a
= 25°C
1: Base
2: Emitter
3: Collector
ML3-N2 Package
Unit: mm
Internal Connection
Marking Symbol: 2C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 10 µA, IE = 050
V
Collector-emitter voltage (Base open)
VCEO
IC
= 2 mA, I
B
= 050
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 50 V, IE = 0
0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = 50 V, IB = 0
0.5
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB
= 6 V, I
C
= 0
0.2
mA
Forward current transfer ratio
hFE
VCE = 10 V, IC = 5 mA
80
400
Collector-emitter saturation voltage
VCE(sat)
IC = 10 mA, IB = 0.3 mA
0.25
V
Output voltage high level
VOH
VCC
= 5 V, V
B
= 0.5 V, R
L
= 1 kΩ
4.9
V
Output voltage low level
VOL
VCC = 5 V, VB = 2.5 V, RL = 1 kΩ
0.2
V
Input resistance
R1
−30%
4.7
+30%
k
Ω
Resistance ratio
R1 / R2
0.1
Transition frequency
fT
VCB = 10 V, IE = −2 mA, f = 200 MHz
150
MHz
■ Electrical Characteristics T
a = 25°C ± 3°C
1.00±0.05
2
1
3
0.39
+0.01
−0.03
0.25±0.05
0.25±0.05
0.65±0.01
2
1
0.05±0.03
3
B
R1 (4.7 kΩ)
R2
(47 k
Ω)
C
E
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.


Similar Part No. - UNRF2AN

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNRF2A0 PANASONIC-UNRF2A0 Datasheet
65Kb / 3P
Silicon NPN epitaxial planar transistor
UNRF2A1 PANASONIC-UNRF2A1 Datasheet
80Kb / 3P
Silicon NPN epitaxial planar transistor
UNRF2A6 PANASONIC-UNRF2A6 Datasheet
80Kb / 3P
Silicon NPN Epitaxial Planar Transistor For Digital Circuits
UNRF2A7 PANASONIC-UNRF2A7 Datasheet
80Kb / 3P
Silicon NPN epitaxial planar transistor
More results

Similar Description - UNRF2AN

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com