Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA14403 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA14403
Description  ~40째 x 15째 oval beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14403 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA14403 Datasheet HTML 1Page - Ledil, Inc. CA14403 Datasheet HTML 2Page - Ledil, Inc. CA14403 Datasheet HTML 3Page - Ledil, Inc. CA14403 Datasheet HTML 4Page - Ledil, Inc. CA14403 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA14403_EVA-O
EVA-O
~40° x 15° oval beam. Assembly with holder
including location pins and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 37.7 mm
Height
17.2 mm
Fastening
tape, pin
Colour
black
Box size
480 x 280 x 300 mm
Box weight
10 kg
Quantity in Box
675 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
EVA-O
Lens
PMMA
clear
EVA-HLD-PIN
Holder
PC
black
SPUTNIK-TAPE3
Tape
PU tape
black
Last update: 10/08/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - CA14403

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA14402 LEDIL-CA14402 Datasheet
2Mb / 5P
~25째 medium beam
More results

Similar Description - CA14403

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CN11533 LEDIL-CN11533 Datasheet
3Mb / 4P
~40째 x 30째 infrared oval beam
CP12635 LEDIL-CP12635 Datasheet
5Mb / 5P
~40째 x 12째 oval beam
CP12857 LEDIL-CP12857 Datasheet
1Mb / 4P
~40째 x 15째 oval beam optimized
CA12858 LEDIL-CA12858 Datasheet
3Mb / 4P
~40째 x 15째 oval beam optimized for LUXEON M and MX
CA13631 LEDIL-CA13631 Datasheet
13Mb / 12P
~40째 x 13째 oval beam
CA13637 LEDIL-CA13637 Datasheet
3Mb / 7P
~15째 x 40째 oval beam
CP12942 LEDIL-CP12942 Datasheet
6Mb / 10P
~40째 x 20째 oval beam
CP12943 LEDIL-CP12943 Datasheet
4Mb / 9P
~40째 x 20째 oval beam
FA11204 LEDIL-FA11204 Datasheet
2Mb / 7P
~35째 x 15째 oval beam.
CP17590 LEDIL-CP17590 Datasheet
1Mb / 4P
~10째 x 40째 oval beam
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com