Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP12637 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP12637
Description  ~65째 wide beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP12637 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP12637 Datasheet HTML 1Page - Ledil, Inc. CP12637 Datasheet HTML 2Page - Ledil, Inc. CP12637 Datasheet HTML 3Page - Ledil, Inc. CP12637 Datasheet HTML 4Page - Ledil, Inc. CP12637 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CP12637_LAURA-WW-PG
LAURA-WW-PG
~65° wide beam. Assembly with white holder
and location pins.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 x 21.6 mm
Height
13.1 mm
Fastening
glue, pin
Colour
white
Box size
476 x 273 x 292 mm
Box weight
10.2 kg
Quantity in Box
1960 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LAURA-WW
Lens
PMMA
LAURA-HLD-PIN
Holder
PC
white
Last update: 29/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CP12637

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP12631 LEDIL-CP12631 Datasheet
1Mb / 5P
~8째 spot beam
logo
Cree, Inc
CP12632 CREE-CP12632 Datasheet
818Kb / 13P
Laura series
CP12633 CREE-CP12633 Datasheet
845Kb / 13P
Laura series
CP12634 CREE-CP12634 Datasheet
847Kb / 13P
Laura series
logo
Ledil, Inc.
CP12634 LEDIL-CP12634 Datasheet
2Mb / 6P
~11째 smooth spot beam
More results

Similar Description - CP12637

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10244 LEDIL-CA10244_18 Datasheet
2Mb / 4P
~65째 wide beam. Assembly with tape.
CA10241 LEDIL-CA10241 Datasheet
2Mb / 4P
~65째 wide beam. Assembly with installation tape.
CP13069 LEDIL-CP13069 Datasheet
2Mb / 5P
~65째 65째 rectangular beam
CS15765 LEDIL-CS15765 Datasheet
5Mb / 6P
~65째 wide beam. New revision.
C13413 LEDIL-C13413 Datasheet
2Mb / 8P
~65째 wide beam with 7 optics
CA11978 LEDIL-CA11978 Datasheet
2Mb / 4P
~65째 wide beam optimized for Nichia 19.
C16735 LEDIL-C16735 Datasheet
2Mb / 4P
~65째 wide beam
DAISY-MINI-WW LEDIL-DAISY-MINI-WW Datasheet
2Mb / 6P
~65째 wide beam
CA13633 LEDIL-CA13633 Datasheet
18Mb / 10P
~65째 wide beam.
C12359 LEDIL-C12359 Datasheet
1Mb / 5P
~65째 wide beam
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com