Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP12674 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP12674
Description  ~45째 wide beam optimized
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP12674 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP12674 Datasheet HTML 1Page - Ledil, Inc. CP12674 Datasheet HTML 2Page - Ledil, Inc. CP12674 Datasheet HTML 3Page - Ledil, Inc. CP12674 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP12674_TINA2-W
TINA2-W
~45° wide beam optimized for CREE XB-D.
Assembly with holder.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
9.7 mm
Fastening
glue
Colour
black
Box size
451 x 241 x 298 mm
Box weight
4.4 kg
Quantity in Box
2400 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA2-W-XP
Lens
PMMA
clear
TINA2-XB-HOLDER
Holder
PC
Last update: 29/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CP12674

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP12674-TINA2-W CREE-CP12674-TINA2-W Datasheet
883Kb / 12P
Tina2 series
More results

Similar Description - CP12674

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11022 LEDIL-CA11022 Datasheet
3Mb / 4P
~45째 wide beam optimized for Nichia NCSxx19.
CA11175 LEDIL-CA11175_18 Datasheet
3Mb / 6P
~45째 wide beam optimized for Nichia NS6x83.
CA12056 LEDIL-CA12056_18 Datasheet
2Mb / 5P
~45째 wide beam optimized for CREE XP-E.
FP14998 LEDIL-FP14998 Datasheet
10Mb / 8P
~45째 wide beam
C11776 LEDIL-C11776 Datasheet
2Mb / 4P
~45째 wide beam
CP12681 LEDIL-CP12681 Datasheet
2Mb / 4P
~45째 wide beam optimized
FP10997 LEDIL-FP10997 Datasheet
2Mb / 8P
~45째 wide beam.
FP11077 LEDIL-FP11077 Datasheet
1Mb / 6P
~45째 wide beam optimized for CREE XP-E.
FP13026 LEDIL-FP13026 Datasheet
3Mb / 9P
~45째 wide beam.
CP17597 LEDIL-CP17597 Datasheet
1Mb / 4P
~45째 wide beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com