Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP12680 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP12680
Description  ~35째 15째 oval beam optimized
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP12680 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP12680 Datasheet HTML 1Page - Ledil, Inc. CP12680 Datasheet HTML 2Page - Ledil, Inc. CP12680 Datasheet HTML 3Page - Ledil, Inc. CP12680 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP12680_TINA2-O
TINA2-O
~35°
15° oval beam optimized for CREE XP-E.
Assembly with holder.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
9.8 mm
Fastening
glue
Colour
black
Box size
451 x 241 x 298 mm
Box weight
4.4 kg
Quantity in Box
2400 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA2-XP-O
Lens
PMMA
clear
TINA2-XP-HLD
Holder
PC
black
Last update: 05/06/2012
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CP12680

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP12680-TINA2-O CREE-CP12680-TINA2-O Datasheet
794Kb / 12P
Tina2 series
More results

Similar Description - CP12680

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11052 LEDIL-CA11052_18 Datasheet
3Mb / 7P
~35째 15째 oval beam optimized for CREE XP-E.
CA11053 LEDIL-CA11053 Datasheet
2Mb / 5P
~35째 15째 oval beam optimized for Nichia NCSxx19.
CA11173 LEDIL-CA11173_18 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized for Nichia NS6x83.
CA12047 LEDIL-CA12047_18 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized for Osram Golden Dragon
CP12689 LEDIL-CP12689 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized for Osram Oslon SSL80. Assembly with holder.
CP12673 LEDIL-CP12673 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized
CP12857 LEDIL-CP12857 Datasheet
1Mb / 4P
~40째 x 15째 oval beam optimized
CP17596 LEDIL-CP17596 Datasheet
1Mb / 4P
~35째 15째 oval beam
FA11200 LEDIL-FA11200 Datasheet
1Mb / 5P
~35째 x 15째 oval beam optimized for CREE XP-E
FA11204 LEDIL-FA11204 Datasheet
2Mb / 7P
~35째 x 15째 oval beam.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com