Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP12817 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP12817
Description  ~8.5째 spot beam optimized
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP12817 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP12817 Datasheet HTML 1Page - Ledil, Inc. CP12817 Datasheet HTML 2Page - Ledil, Inc. CP12817 Datasheet HTML 3Page - Ledil, Inc. CP12817 Datasheet HTML 4Page - Ledil, Inc. CP12817 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CP12817_LXP3-RS2
LXP3-RS2
~8.5° spot beam optimized for CREE XP-E. 14.7
mm high assembly.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.7 mm
Fastening
glue
Colour
white
Box size
480 x 280 x 300 mm
Box weight
8.9 kg
Quantity in Box
1680 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LXP2-RS2
Lens
PMMA
LXP3-LH1-WHT
Holder
PC
white
Last update: 11/01/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CP12817

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP12817-LXP3-RS2 CREE-CP12817-LXP3-RS2 Datasheet
508Kb / 7P
Leila series
More results

Similar Description - CP12817

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11020 LEDIL-CA11020 Datasheet
3Mb / 4P
~14째 spot beam optimized for Nichia NCSxx19
CA14132 LEDIL-CA14132 Datasheet
4Mb / 4P
~8.5째 spot beam optimized for CREE XP-E. 14.7 mm high assembly with installation tape.
CP13059 LEDIL-CP13059 Datasheet
1Mb / 4P
~8.5째 spot beam optimized for Osram Oslon Square EC. 14.3 mm high assembly.
FCN11738 LEDIL-FCN11738 Datasheet
1Mb / 4P
~8.5째 spot beam optimized for LUXEON Rebel. 14.3 mm high assembly.
CA12816 LEDIL-CA12816 Datasheet
4Mb / 5P
~8.5째 spot beam optimized for CREE XP-E
CP12671 LEDIL-CP12671 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized
CP12818 LEDIL-CP12818 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
~8째 spot beam optimized for LUXEON Rebel.
CA14506 LEDIL-CA14506 Datasheet
2Mb / 8P
~8.5째 spot beam with light, black holder
FA11739 LEDIL-FA11739 Datasheet
2Mb / 5P
~8.5째 spot beam optimized for CREE XP-E
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com