Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP12821 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP12821
Description  ~55째 wider beam optimized
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP12821 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP12821 Datasheet HTML 1Page - Ledil, Inc. CP12821 Datasheet HTML 2Page - Ledil, Inc. CP12821 Datasheet HTML 3Page - Ledil, Inc. CP12821 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP12821_EVA-WW
EVA-WW
~55° wider beam optimized for LUXEON M and
MX. Assembly with holder.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 37.7 mm
Height
17 mm
Fastening
screw, glue
Colour
black
Box size
480 x 280 x 300 mm
Box weight
10 kg
Quantity in Box
675 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
EVA-WW
Lens
PMMA
clear
EVA-HLD-LUXEON-M
Holder
PC
black
Last update: 02/04/2013
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CP12821

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP12820 LEDIL-CP12820 Datasheet
2Mb / 4P
~40째 wide beam optimized
More results

Similar Description - CP12821

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA15231 LEDIL-CA15231 Datasheet
4Mb / 5P
~55째 wide beam
C10974 LEDIL-C10974 Datasheet
2Mb / 4P
~55째 wide beam
C11777 LEDIL-C11777 Datasheet
1Mb / 4P
~55째 wide beam
CA14310 LEDIL-CA14310 Datasheet
3Mb / 5P
~55째 wider beam
CA12805 LEDIL-CA12805 Datasheet
1Mb / 4P
~55째 wide beam optimized for LUXEON M and MX
CP12200 LEDIL-CP12200 Datasheet
1Mb / 4P
~55째 wide beam optimized for CREE XM-L
C10590 LEDIL-C10590 Datasheet
1Mb / 5P
~55째 wide beam
C11191 LEDIL-C11191 Datasheet
2Mb / 8P
~55째 wide beam
CA16705 LEDIL-CA16705 Datasheet
2Mb / 5P
~55째 wide beam
FA11903 LEDIL-FA11903 Datasheet
3Mb / 6P
~55째 wide beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com