Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS15055 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS15055
Description  Universal road lighting (typically IESNA Type III medium) beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS15055 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS15055 Datasheet HTML 1Page - Ledil, Inc. CS15055 Datasheet HTML 2Page - Ledil, Inc. CS15055 Datasheet HTML 3Page - Ledil, Inc. CS15055 Datasheet HTML 4Page - Ledil, Inc. CS15055 Datasheet HTML 5Page - Ledil, Inc. CS15055 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
CS15055_STRADA-IP-2X6-DWC-90-PC
STRADA-IP-2X6-DWC-90-PC
Universal road lighting (typically IESNA Type III
medium) beam with excellent mixed illuminance
and luminance uniformity. Variant with beam
direction rotated 90°. PC variant.
TECHNICAL SPECIFICATIONS:
Dimensions
173.0 x 71.4 mm
Height
9 mm
Fastening
Colour
clear
Box size
476 x 273 x 247 mm
Box weight
7.2 kg
Quantity in Box
120 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-IP-2X6-DWC-90-PC Lens array
PC
clear
2X6-SEAL25
Seal
Silicone
white
Last update: 17/08/2018
Subject to change without prior notice
Published: 17/08/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - CS15055

ManufacturerPart #DatasheetDescription
logo
CUI INC
CS1505B CUI-CS1505B Datasheet
340Kb / 4P
CURRENT SENSOR
CS1505B CUI-CS1505B Datasheet
362Kb / 4P
CURRENT SENSOR
02/19/2020
logo
Same Sky Devices
CS1505B SAMESKY-CS1505B Datasheet
332Kb / 4P
CURRENT SENSOR
09/12/2024
CS1505U SAMESKY-CS1505U Datasheet
302Kb / 4P
CURRENT SENSOR
09/12/2024
More results

Similar Description - CS15055

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12449 LEDIL-C12449 Datasheet
3Mb / 5P
Universal road lighting (IESNA Type II medium) beam with excellent mixed illuminance
C13140 LEDIL-C13140 Datasheet
3Mb / 4P
Universal road lighting (IESNA Type II medium) beam with excellent mixed illuminance
C15035 LEDIL-C15035 Datasheet
6Mb / 10P
IESNA Type III (medium) beam for typical road lighting setups
CS14145 LEDIL-CS14145_18 Datasheet
8Mb / 9P
Universal road lighting (typically IESNA Type III medium) beam with excellent mixed illuminance and luminance uniformity
C16280 LEDIL-C16280 Datasheet
908Kb / 3P
IESNA Type III (medium) beam
CS13756 LEDIL-CS13756 Datasheet
3Mb / 6P
Universal road lighting (IESNA Type II medium) beam
C15540 LEDIL-C15540 Datasheet
2Mb / 4P
IESNA Type III (medium) beam
CS15751 LEDIL-CS15751 Datasheet
3Mb / 11P
Universal road lighting (typically IESNA Type lll medium) beam
FN14976 LEDIL-FN14976 Datasheet
7Mb / 15P
Universal road lighting (IESNA Type II Medium) beam
C16039 LEDIL-C16039 Datasheet
2Mb / 6P
IESNA Type III (medium) beam for typical road lighting setups
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com