Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICROFOX-R Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # MICROFOX-R
Description  Electronic round-nose pliers, smooth grip, with opening spring
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

MICROFOX-R Datasheet(HTML) 1 Page - PHOENIX CONTACT

  MICROFOX-R Datasheet HTML 1Page - PHOENIX CONTACT MICROFOX-R Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/1212490
08.08.2012   Page 1 / 2
Pointed pliers - MICROFOX-R - 1212490
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Electronic round-nose pliers, smooth grip, with opening spring
Why buy this product
 Ergonomically designed two-component handles for fatigue-proof and non-slip use
 Opening spring for uniform, smooth opening
 Through-connected joint for permanent stability and optimum distribution of force
 Made from special high-grade tool steel
 Mirror-polished and oiled metal surfaces, which provide maximum rust protection
Key commercial data
Packing unit
0
Minimum order quantity
1
Catalog page
Page 259 (CL2-2011)
GTIN
Custom tariff number
82032000
Country of origin
GERMANY
Technical data
General
Length (b)
120 mm
Weight
70 g
Classifications
eclass
eCl@ss 4.0
21040301
eCl@ss 4.1
21040301
eCl@ss 5.0
21040301
eCl@ss 5.1
21040301
eCl@ss 6.0
21043706
eCl@ss 7.0
21043706


Similar Part No. - MICROFOX-R

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
MICROFOX-R-DB PHOENIX-MICROFOX-R-DB Datasheet
43Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-R-ESD PHOENIX-MICROFOX-R-ESD Datasheet
49Kb / 2P
Mirror-polished and phosphate-treated metal surfaces for optimum rust protection and no glare when working
MICROFOX-R-ESD-DB PHOENIX-MICROFOX-R-ESD-DB Datasheet
45Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
More results

Similar Description - MICROFOX-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D00634 ETC2-D00634 Datasheet
33Kb / 1P
VDE Snipe Nose Pliers
logo
PHOENIX CONTACT
MICROFOX-EO PHOENIX-MICROFOX-EO Datasheet
77Kb / 3P
Electronic front cutter, 20째 angle, without chamfer, with opening spring
MICROFOX-PC-ESD PHOENIX-MICROFOX-PC-ESD Datasheet
49Kb / 2P
Opening spring for uniform, smooth opening
MICROFOX-S-ESD PHOENIX-MICROFOX-S-ESD Datasheet
49Kb / 2P
Opening spring for uniform, smooth opening
MICROFOX-SP PHOENIX-MICROFOX-SP Datasheet
49Kb / 2P
Electronic diagonal cutter, tapered head, angled (21째), without chamfer, with opening spring
MICROFOX-PC-ESD-DB PHOENIX-MICROFOX-PC-ESD-DB Datasheet
46Kb / 2P
Opening spring for uniform, smooth opening
MICROFOX-S-ESD-DB PHOENIX-MICROFOX-S-ESD-DB Datasheet
46Kb / 2P
Opening spring for uniform, smooth opening
UNIFOX-F-VDE PHOENIX-UNIFOX-F-VDE Datasheet
52Kb / 2P
Flat-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-P-VDE PHOENIX-UNIFOX-P-VDE Datasheet
50Kb / 2P
Needle-nose pliers with blade, notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-R-VDE PHOENIX-UNIFOX-R-VDE Datasheet
48Kb / 3P
Round-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com