Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMX-7GR Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZMX-7GR
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZMX-7GR Datasheet(HTML) 1 Page - Mini-Circuits

  ZMX-7GR Datasheet HTML 1Page - Mini-Circuits ZMX-7GR Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Level 7 (LO Power +7 dBm) 3700 to 7000 MHz
Frequency Mixer
Coaxial
Outline Dimensions (
)
inch
mm
Maximum Ratings
Coaxial Connections
LO
2
RF
1
IF
3
Outline Drawing
Electrical Specifications
REV. A
M151107
ZMX-7GR
ED-3937/1
DJ/TD/CP/AM
151009
1 dB COMP.: +1 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
LO/RF
IF
Total
Range
Max.
f
L-fU
—
X
σ
Typ.
Min.
Typ.
Min.
3700-7000
DC-1000
5.0
0.30
8.2
30
20
36
20
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
Electrical Schematic
ZMX-7GR
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
CASE STYLE: BU413
Connectors
Model
SMA
ZMX-7GR
A
B
C
D
E
F
G
H
1.00
.75
.58
.50
.29
.38 .140
--
25.40 19.05 14.73 12.70
7.37
9.65
3.56
--
J
K
L
M
N
P
wt
.687
--
.32
.13
.10
.16
grams
17.45
--
8.13
3.30
2.54
4.06
25.0
• wide frequency range, 3700 to 7000 MHz
• low conversion loss, 5.0 dB typ.
• high L-I isolation, 36 dB typ.
• SATCOM
• instrumentation
• defense & federal communications
• SHF
Applications
3700.00
3730.00
4.25
30.50
25.89
1.09
1.23
3949.06
3979.06
4.38
29.45
27.95
1.94
1.29
4000.00
4030.00
4.40
29.82
28.13
2.21
1.34
4198.11
4228.11
4.74
31.47
29.71
3.01
1.41
4447.17
4477.17
5.21
32.54
31.21
3.28
1.35
4633.96
4663.96
5.53
30.64
31.84
3.09
1.27
4820.75
4850.75
5.68
30.03
32.73
2.74
1.28
5000.00
4970.00
5.69
30.38
33.91
2.70
1.20
5194.34
5164.34
5.73
30.78
34.92
2.98
1.15
5443.40
5413.40
5.81
30.19
35.19
3.32
1.09
5692.45
5662.45
5.95
30.25
35.33
3.76
1.13
5879.25
5849.25
5.99
30.83
35.33
4.12
1.16
6000.00
5970.00
6.26
30.52
35.10
4.29
1.16
6128.30
6098.30
6.57
30.24
34.77
4.77
1.12
6252.83
6222.83
6.64
29.94
34.14
4.76
1.13
6377.36
6347.36
6.72
29.71
33.58
4.82
1.18
6501.89
6471.89
6.68
29.55
32.81
4.73
1.20
6626.42
6596.42
6.58
29.56
32.09
4.74
1.19
6875.47
6845.47
6.29
28.82
30.49
4.41
1.07
7000.00
6970.00
6.26
28.55
29.90
4.17
1.13
Permanent damage may occur if any of these limits are exceeded.


Similar Part No. - ZMX-7GR

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZMX-7GHR MINI-ZMX-7GHR Datasheet
309Kb / 2P
Frequency Mixer
ZMX-7GLHR MINI-ZMX-7GLHR Datasheet
74Kb / 2P
FREQUENCY MIXERS
ZMX-7GMH MINI-ZMX-7GMH Datasheet
311Kb / 2P
Frequency Mixer
More results

Similar Description - ZMX-7GR

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com