Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KLSR Datasheet(PDF) 1 Page - Littelfuse

Part # KLSR
Description  250/600 Vac
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KLSR Datasheet(HTML) 1 Page - Littelfuse

  KLSR Datasheet HTML 1Page - Littelfuse KLSR Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWR-GARD® Fuse Datasheet
© 2014 Littelfuse POWR-GARD® Products
Rev: 020614
littelfuse.com
1 of 2
Class RK1 – KlNR • KlsR seRies FUses
250/600 Vac • Fast-Acting • 1-600 A
ampeRe RatiNgs
1
10
40
100
250
2
12
45
110
300
3
15
50
125
350
4
20
60
150
400
5
25
70
175
450
6
30
80
200
500
8
35
90
225
600
Web Resources
Download TC Curves, CAD drawings and other technical
information: littelfuse.com/klsr
littelfuse.com/klnr
05549002
Peak Let-Thru Curve (600 V)
Ordering Information
seRies
ampeRage
Catalog NUmbeR oRdeRiNg NUmbeR
KLSR
90
KLSR090
KLSR090.V
600 V
250 V
seRies
ampeRage
Catalog NUmbeR oRdeRiNg NUmbeR
KLNR
90
KLNR090
KLNR090.V
KLSR
Description
KLSR/KLNR fuses are an economical single element design
providing the safety of an RK1 fuse.
Applications
• Resistance heaters
• Lighting circuits
• Non-inductive loads
Features/Benefits
• Extremely Current-Limiting
• Indicating and DIN mount fuse holders available
Specifications
Voltage Ratings
AC: 250 V (KLNR); 600 V (KLSR)
DC: 125 V (1 – 600 A KLNR);
250 V (1 – 30 A KLSR);
300 V (35 – 600 A KLSR).
Interrupting Ratings
AC: 200 kA rms symmetrical
DC: 20 kA
Ampere Range
1 – 600 A
Approvals
AC: Standard 248-12, Class RK1
UL Listed (File: E81895)
CSA Certified (File: LR29862)
DC: Littelfuse self-certified
Recommended Fuse Holders
LFR60 Series - LFR25 Series


Similar Part No. - KLSR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLSR LITTELFUSE-KLSR Datasheet
373Kb / 2P
CLASS RK1-KLNR KLSR SERIES FUSES
More results

Similar Description - KLSR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CCMR LITTELFUSE-CCMR_17 Datasheet
670Kb / 7P
600 Vac
JTD LITTELFUSE-JTD_16 Datasheet
438Kb / 3P
600 Vac
KLDR LITTELFUSE-KLDR_16 Datasheet
363Kb / 7P
600 Vac
KLKD LITTELFUSE-KLKD_17 Datasheet
623Kb / 7P
600 Vac/dc
KLKR LITTELFUSE-KLKR_18 Datasheet
208Kb / 2P
600 VAC
KLLU LITTELFUSE-KLLU_12 Datasheet
435Kb / 2P
600 VAC
KLPC LITTELFUSE-KLPC_12 Datasheet
460Kb / 2P
600 VAC
logo
Schneider Electric
JDF36000F25 SCHNEIDER-JDF36000F25 Datasheet
128Kb / 2P
PowerPact J-Frame breaker, 250 A, 3P, 14 kA at 600 VAC
Aug 6, 2020
JGF36000F25 SCHNEIDER-JGF36000F25 Datasheet
129Kb / 2P
PowerPact J-Frame breaker, 250 A, 3P, 18 kA at 600 VAC
Sep 14, 2020
JJF36000F25 SCHNEIDER-JJF36000F25 Datasheet
130Kb / 2P
PowerPact J-Frame breaker, 250 A, 3P, 14 kA at 600 VAC
Sep 14, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com