Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5648 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5648
Description  NPN EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5648 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5648 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5648 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC5648
No.7327-2/6
0.1
23
5
7
1.0
23
5
7
10
0
0.2
0.4
0.6
0.8
1.0
1.2
0
2
8
4
6
10
12
16
14
18
20
0
1.0
2.0
3.0
4.0
5.0
2
3
5
7
10
2
3
1.0
23
23
57
10
0.1
23
5
7
1.0
23
5
7
10
3
5
7
100
2
3
hFE -- IC
1.0
23
5
2
3
7
35
7
10
コレクタ電流, IC -- mA
f T -- IC
コレクタ電流, IC -- mA
IT05346
IT05347
IC -- VCE
コレクタ・エミッタ 電圧, VCE -- V
IC -- VBE
ベース・エミッタ電圧, VBE -- V
IT05344
IT05345
0
2
4
6
8
10
0.1
2
5
7
1.0
3
0.1
2
5
7
1.0
3
Cob -- VCB
コレクタ・ベース電圧, VCB -- V
Cre -- VCB
コレクタ・ベース電圧, VCB -- V
IT05348
IT05349
f=1MHz
0.08mA
0.07mA
0.06mA
0.05mA
0.04mA
0.03mA
0.02mA
0.01mA
IB=0
VCE=3V
VCE=3V
1V
1V
f=1MHz
前ページより続く。
min
typ
max
unit
出力容量
Cob
VCB=1V, f=1MHz
0.4
0.55
pF
帰還容量
Cre
VCB=1V, f=1MHz
0.3
0.45
pF
順方向伝達利得
S21e21VCE=1V, IC=3mA, f=2GHz
7.5
9.0
dB
S21e22VCE=3V, IC=7mA, f=2GHz
9.0
10.5
dB
雑音指数
NF
VCE=1V, IC=3mA, f=2GHz
2.6
3.5
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com