Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RESD1CANFHT Datasheet(PDF) 2 Page - Rohm

Part # RESD1CANFHT
Description  Transient Voltage Suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RESD1CANFHT Datasheet(HTML) 2 Page - Rohm

  RESD1CANFHT Datasheet HTML 1Page - Rohm RESD1CANFHT Datasheet HTML 2Page - Rohm RESD1CANFHT Datasheet HTML 3Page - Rohm RESD1CANFHT Datasheet HTML 4Page - Rohm RESD1CANFHT Datasheet HTML 5Page - Rohm RESD1CANFHT Datasheet HTML 6Page - Rohm RESD1CANFHT Datasheet HTML 7Page - Rohm RESD1CANFHT Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RESD1CANFH
                                    Data sheet
             
  
  
  
  
  
  
  
  
 
●Characteristics  
                                       
 
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Reverse Stand-off voltage
VRWM
-
-
-
24
V
Breakdown voltage
VBR
IT=1mA
26.2
-
32
V
Reverse current
IR
VR=24V
-
-
100
nA
Clamping voltage
VCL
Ipp=8A, tp=8/20us
-
-
44
V
Capacitance between terminals
Ct
f=1MHz, VR=0V
-
-
30
pF
Breakdown voltage (VBR) time is 40ms .
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
2/5
 
             
2016/12/19_Rev.002



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com