Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1803G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L1803G-SH2-R
Description  1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1803G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L1803G-SH2-R Datasheet HTML 1Page - Unisonic Technologies L1803G-SH2-R Datasheet HTML 2Page - Unisonic Technologies L1803G-SH2-R Datasheet HTML 3Page - Unisonic Technologies L1803G-SH2-R Datasheet HTML 4Page - Unisonic Technologies L1803G-SH2-R Datasheet HTML 5Page - Unisonic Technologies L1803G-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L1803
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R102-058.d
1.5A ULTRA LOW DROPOUT
LINEAR REGULATOR WITH
PROGRAMMABLE
SOFT-START
DESCRIPTION
The UTC L1803 is a typical LDO that features a
user-programmable soft-start, very low dropout voltage as low as
0.15V at output current 1.5A, an enable input and a power-good
output.
The soft-start reduces inrush current of the load capacitors and
minimizes stress on the input power source during start-up. An
enable pin to further reduce power dissipation while shutdown. And
power-good output indicates the output voltage status.
The UTC L1803 is stable with any type of output capacitor of
2.2µF or more. A precision reference and feedback control deliver
2% accuracy over load, line, and operating temperature ranges.
FEATURES
* Low VIN and wide VIN range: 1.0V~5.5V
* Bias voltage (VVCC) range: 2.7V~5.5V
* Low VOUT range: 0.8V~3.3V
* 150mV dropout @1.5A, VVCC=5V
* 2% output Voltage
* Power-Good (PG) output
* Programmable soft-start provides linear voltage startup
* Stable with any output capacitor≥2.2µF
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
L1803L-SH2-R
L1803G-SH2-R
HSOP-8
Tape Reel
L1803L-K10-3030-R
L1803G-K10-3030-R
DFN3030-10
Tape Reel


Similar Part No. - L1803G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1803G-SH2-R UTC-L1803G-SH2-R Datasheet
217Kb / 6P
Programmable soft-start provides linear voltage startup
More results

Similar Description - L1803G-SH2-R

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
Ultra Low Dropout 1.5A Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39150 BCDSEMI-AZ39150_07 Datasheet
209Kb / 13P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
Ultra Low Dropout 1.5A Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
1.5A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
Ultra Low Dropout 1.5A Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com