Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1803L-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L1803L-SH2-R
Description  1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1803L-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L1803L-SH2-R Datasheet HTML 1Page - Unisonic Technologies L1803L-SH2-R Datasheet HTML 2Page - Unisonic Technologies L1803L-SH2-R Datasheet HTML 3Page - Unisonic Technologies L1803L-SH2-R Datasheet HTML 4Page - Unisonic Technologies L1803L-SH2-R Datasheet HTML 5Page - Unisonic Technologies L1803L-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
L1803
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R102-058.d
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage Range
VIN, VVCC
-0.3~+6
V
Enable Voltage Range
VEN
-0.3~+6
V
Power-Good Voltage Range
VPG
-0.3~+6
V
Soft-Start Voltage Range
VSS
-0.3~+6
V
Feedback Voltage Range
VFB
-0.3~+6
V
Output Voltage Range
VOUT
-0.3~VIN +0.3
V
Maximum Output Current
IOUT
Internally Limited
Junction Temperature
TJ
-40~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Input Voltage (Note)
VIN
1.0
5.5
V
Bias Voltage
VVCC
2.7
5.5
V
Output Current
IOUT
0
1.5
A
Operating Ambient Temperature
TA
-40
85
°C
Note: At VIN =1V, the maximum load currents may be lower than 1.5A.
THERMAL RESISTANCES CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
HSOP-8
150
°C/W
Junction to Ambient
DFN3030-10
θJA
72 (Note)
°C/W
Note: The PCB area is 4 times larger than that of IC’s
ELECTRICAL CHARACTERISTICS
At VEN=1.1V, VIN=VOUT+0.5V, CVCC=0.1uF, CIN=COUT=10uF, IOUT=50mA, VVCC=5.0V, and TA=-40°C~+85°C, unless
otherwise noted. Typical values are at TA=+25°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Range
VIN
VOUT+VDO
5.5
V
Bias Pin Voltage Range (Note 2)
VVCC
2.7
5.5
V
Internal Reference (Adj.)
VREF
TA=+25°C
0.792
0.8
0.808
V
Output Voltage Range
VIN=5V, IOUT=1.5A
0.8
3.3
V
Accuracy (Note 2)
VOUT
3V≤VVCC≤5.5V,
50mA≤IOUT≤1.5A
-2
±0.5
2
%
Line Regulation
∆VOUT / ∆VIN
/ VOUT
VOUT (NOM)+0.5≤VIN,
5.5V
 
0.02
%/V
Load Regulation
∆VOUT / VOUT
/ ∆IOUT
50mA≤IOUT≤1.5A
0.08
%/V
IOUT=1.5A,
VVCC-VOUT(NOM)≥3.25V
150
270
mV
Dropout Voltage (Note 3)
VDO
IOUT=1.5A, VIN=VVCC
1.5
1.7
V
Current Limit
ICL
VOUT=80%xVOUT (NOM)
2
3
4
A
Short-Circuit Current
ISHORT
VOUT<0.2V
0.6
1.1
A
Bias Pin Current
IVCC
1
2
mA
Shutdown Supply Current (IGND)
ISHDN
VEN≤0.4V
70
100
µA
Feedback Pin Current
IFB
-1
0.1
1
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com