Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM39102G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM39102G-S08-R
Description  1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM39102G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LM39102G-S08-R Datasheet HTML 1Page - Unisonic Technologies LM39102G-S08-R Datasheet HTML 2Page - Unisonic Technologies LM39102G-S08-R Datasheet HTML 3Page - Unisonic Technologies LM39102G-S08-R Datasheet HTML 4Page - Unisonic Technologies LM39102G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LM39102
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R102-060.E
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
18V
V
Enable Voltage
VEN
+20
V
Junction Temperature
TJ
-40 ~ +125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RATINGS (Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
+2.25 ~ +16
V
Enable Voltage
VEN
+16
V
Maximum Power Dissipation
PD
Note 2
Notes: 1. The device is not guaranteed to function outside its operating rating.
2. PD(max)=(TJ(max)-TA)+ θJA, where θJA -junction-to-ambient thermal resistance.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-8
50
°C/W
Junction to Case
HSOP-8
θJC
45
°C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com