Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1801 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR1801
Description  1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1801 Datasheet(HTML) 2 Page - Unisonic Technologies

  LR1801 Datasheet HTML 1Page - Unisonic Technologies LR1801 Datasheet HTML 2Page - Unisonic Technologies LR1801 Datasheet HTML 3Page - Unisonic Technologies LR1801 Datasheet HTML 4Page - Unisonic Technologies LR1801 Datasheet HTML 5Page - Unisonic Technologies LR1801 Datasheet HTML 6Page - Unisonic Technologies LR1801 Datasheet HTML 7Page - Unisonic Technologies LR1801 Datasheet HTML 8Page - Unisonic Technologies LR1801 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LR1801
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 11
www.unisonic.com.tw
QW-R502-A03.O
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Pin Assignment
○
1
Packing
LR1801L-xx-AA3-○
1
-R
LR1801G-xx-AA3-○
1
-R
SOT-223
Pin Code 1
2
3
A
G
O
I
LR1801L-xx-AB3-○
1
-R
LR1801G-xx-AB3-○
1
-R
SOT-89
B
O
G
I
C
G
I
O
D
I
G
O
LR1801L-xx-TN3-○
1
-R
LR1801G-xx-TN3-○
1
-R
TO-252
Tape Reel
LR1801G-xx-AB5-R
LR1801G-xx-AB5-R
SOT-89-5
Tape Reel
LR1801L-xx-SH2-R
LR1801G-xx-SH2-R
HSOP-8
refer to Pin Configuration
Tape Reel
LR1801ADL-AA3-○
1
-R
LR1801ADG-AA3-○
1
-R
SOT-223
Pin Code 1
2
3
A
G
O
I
LR1801ADL-AB3-○
1
-R
LR1801ADG-AB3-○
1
-R
SOT-89
B
O
G
I
C
G
I
O
D
I
G
O
LR1801ADL-TN3-○
1
-R
LR1801ADG-TN3-○
1
-R
TO-252
Tape Reel
LR1801ADG-AB5-R
LR1801ADG-AB5-R
SOT-89-5
Tape Reel
LR1801ADL-SH2-R
LR1801ADG-SH2-R
HSOP-8
refer to Pin Configuration
Tape Reel
Note: Pin Assignment: G: GND
O: VOUT I: VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com