Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2965 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR2965
Description  1.5A, LOW DROPOUT REGULATOR WITH POWER GOOD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR2965 Datasheet(HTML) 4 Page - Unisonic Technologies

  LR2965 Datasheet HTML 1Page - Unisonic Technologies LR2965 Datasheet HTML 2Page - Unisonic Technologies LR2965 Datasheet HTML 3Page - Unisonic Technologies LR2965 Datasheet HTML 4Page - Unisonic Technologies LR2965 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LR2965
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R102-061.B
ELECTRICAL CHARACTERISTICS
All parameters are guaranteed over the operational supply voltage and temperature range. Operating conditions
unless otherwise noted are: VIN=5V, OUT=2.5V and TA=25°C. Typical values are for information only.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Supply Voltage
Quiescent Current
IQ
IOUT=100mA
300
uA
Shutdown Current
ISTD
VIN=6V, VEN=GND
0.2
2
uA
Feedback (FB)
Feedback Voltage Accuracy
VF
IOUT=10mA, TA =25°C
490
500
510
mV
Input Bias Current
IF
VFB=0.5V, VIN =6V
0.001
0.1
uA
Output (OUT)
Output Accuracy
VOUT
-2
2
%
Load Regulation
RLO
IOUT=1mA to 1.5A
0.1
2
%/A
Line Regulation
RLN
VIN=2.2~6V, VOUT=1.225V, IOUT=1mA
-0.2
0.2
%/V
IOUT=1.5A,VFB=480mV
400
IOUT=1A,VFB=480mV
140
280
Dropout Voltage
VD
IOUT=0.5A,VFB=480mV
200
mV
Current Limit
IC
1.8
A
Load transient (Note 1)
LOT
IOUT=20mA to 1.5A,
3
%
Line Transient (Note 1)
RNT
∆VIN=0.5V
3
%
Enable (EN))
VENH
EN rising, VIN=OUT+1V~6V
1.2
6
V
Input Threshold
VENL
EN falling, VIN=OUT+1V~6V
0.4
Input Bias Current
IEN
EN=0 or 6V
-1
0
1
uA
Power Good (PG)
PV1
FB high, VHYS=10mV, VIN=OUT+1V~6V
550
mV
Threshold Voltage
PV2
FB low, VHYS=10mV, VIN=OUT+1V~6V
400
mV
Output Voltage Low
PCL
FB=0.4V or 0.6V, IPG=1mA
25
200
mV
Output Current High
PCH
PWRGD=6V
0.001
0.1
uA
Rising Delay Time
PRDT
From FB*90% to PG
10
us
Falling Delay Time 1
PFDT1
VIN=2.5V, From FB to PG
20
70
120
us
Falling Delay Time 2
PFDT2
VIN=6V, From FB to PG
60
180
300
us
Thermal Shutdown (TSD) (Note 1)
TSDON
TSD On
165
TSD Threshold
TSDOFF TSD Off
145
Note: Guaranteed by design but not production tested.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com