Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS126AM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS126AM
Description  Quad TRI-STATE Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS126AM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM74LS126AM Datasheet HTML 1Page - National Semiconductor (TI) DM74LS126AM Datasheet HTML 2Page - National Semiconductor (TI) DM74LS126AM Datasheet HTML 3Page - National Semiconductor (TI) DM74LS126AM Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Switching Characteristics
DM74LS
RL e 667X
Symbol
Parameter
CL e 50 pF
CL e 150 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time Low
15
21
ns
to High Level Output
tPHL
Propagation Delay Time High
18
22
ns
to Low Level Output
tPZH
Output Enable Time to
30
36
ns
High Level Output
tPZL
Output Enable Time to
30
42
ns
Low Level Output
tPHZ
Output Disable Time from
25
ns
High Level Output (Note 1)
tPLZ
Output Disable Time from
25
ns
Low Level Output (Note 1)
Note 1
CL e 5pF
Physical Dimensions inches (millimeters)
14-Lead Small Outline Molded Package (M)
Order Number DM74LS126AM
NS Package Number M14A
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com