Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2965L-AD-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR2965L-AD-SH2-R
Description  1.5A, LOW DROPOUT REGULATOR WITH POWER GOOD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR2965L-AD-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR2965L-AD-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR2965L-AD-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR2965L-AD-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR2965L-AD-SH2-R Datasheet HTML 4Page - Unisonic Technologies LR2965L-AD-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LR2965
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R102-061.B
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
HSOP-8
25: 2.5V
AD: ADJ
PIN CONFIGURATION
1
FB
VIN
EN
PG
2
3
4
5
6
7
8 VIN
OUT 1
GND
GND
OUT 2
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1, 2
OUT
Voltage Regulator Output Pin
3
FB
Feedback Pin. Connect to output through a voltage-divider to set the output.
Recommended that the tolerance of feedback resistors is below 1%.
4
GND
Ground Pin
5
PG
Open Drain Power-Good (PG) Output.
6
EN
Chip Enable Pin
7,8
VIN
Input Supply Voltage Pin.
BLOCK DIAGRAM
EN
GND
OUT
FB
PG
VIN
Error
AMP
OCP/TSD
Reference
(0.5V)
Power Good
Control



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com