Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2965G-AD-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR2965G-AD-SH2-R
Description  1.5A, LOW DROPOUT REGULATOR WITH POWER GOOD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR2965G-AD-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR2965G-AD-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR2965G-AD-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR2965G-AD-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR2965G-AD-SH2-R Datasheet HTML 4Page - Unisonic Technologies LR2965G-AD-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR2965
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R102-061.B
1.5A, LOW DROPOUT
REGULATOR WITH POWER
GOOD
DESCRIPTION
The UTC LR2965 is CMOS-based positive voltage and a very
low dropout regulator IC that minimum input voltage is 2.5V and is
capable of delivering the continuous output load current up to 1.5A.
It has features of low dropout (maximum 300mV at 1A), a very
low quiescent current (typically 300uA at 0.1A) and very high
PSRR up to 86dB at 1A load current.
The output voltage can be set from 0.5V to (VIN - VD) with an
external resistor divider and it has ±2% accuracy through all
temperature ranges include the line as well as load variations. It is
allowed to use a small 4.7μF MLCC input and output capacitor to
deliver the current with the stable operation.
Built-in Soft-Start function reduces the inrush current and the
other features are include over current protection (OCP),
short-circuit protection (SCP), and thermal shut down protection
(TSD).
FEATURES
* Input Voltage Range: 2.5V~6.0V
* Supply Current : (Typ.) 300uA
* Current limit : (Min.) 1.8A
* Adjustable Output from 0.5V
* LR2965: Typ 0.4V Dropout @ IOUT=1.5A
* Compatible with MLCC Capacitors
* Built-in Soft-Start Limits Inrush Current
* Built-in Thermal Shutdown Protection
* Built-in Over Current & Short Circuit Protection
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LR2965L-xx-SH2-R
LR2965G-xx-SH2-R
HSOP-8
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR2965G-AD-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR2965G-XX-SH2-R UTC-LR2965G-XX-SH2-R Datasheet
174Kb / 5P
Compatible with MLCC Capacitors
More results

Similar Description - LR2965G-AD-SH2-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS5258 NSC-LMS5258 Datasheet
515Kb / 9P
150mA, Cap, Low Dropout Voltage Regulator with Power Good
LP8358 NSC-LP8358 Datasheet
508Kb / 10P
150mA, UCap, Low Dropout Voltage Regulator with Power Good
logo
Global Mixed-mode Techn...
G965 GMT-G965 Datasheet
400Kb / 8P
1.5A Low Dropout Regulator with Enable
G953 GMT-G953 Datasheet
29Kb / 1P
1.5A Low Dropout Regulator
G9965 GMT-G9965 Datasheet
42Kb / 1P
1.5A Low Dropout Regulator with Enable
G965 GMT-G965_07 Datasheet
498Kb / 9P
1.5A Low Dropout Regulator with Enable
logo
Diodes Incorporated
AP7173 DIODES-AP7173_09 Datasheet
385Kb / 16P
1.5A LOW DROPOUT LINEAR REGULATOR WITH
AP7173 Rev. 7
logo
Global Mixed-mode Techn...
G9915 GMT-G9915 Datasheet
94Kb / 1P
1.5A Low Dropout Regulator
logo
Unisonic Technologies
LR1965 UTC-LR1965 Datasheet
161Kb / 4P
1.5A, LOW DROPOUT REGULATOR WITH POWER GOOD
LR2915 UTC-LR2915 Datasheet
168Kb / 4P
1.5A, LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com