Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LADLD20G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LADLD20G-SH2-R
Description  0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LADLD20G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LADLD20G-SH2-R Datasheet HTML 1Page - Unisonic Technologies LADLD20G-SH2-R Datasheet HTML 2Page - Unisonic Technologies LADLD20G-SH2-R Datasheet HTML 3Page - Unisonic Technologies LADLD20G-SH2-R Datasheet HTML 4Page - Unisonic Technologies LADLD20G-SH2-R Datasheet HTML 5Page - Unisonic Technologies LADLD20G-SH2-R Datasheet HTML 6Page - Unisonic Technologies LADLD20G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LXXLD20
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-701.c
0.8V REFERENCE ULTRA LOW
DROPOUT LINEAR REGULATOR
DESCRIPTION
The UTC LXXLD20 is a typical LDO with the features of very low
dropout voltage as low as 0.1V at output current 2A.
For normal operation, two supply voltages are necessary. One called
control voltage from other equipment can shutdown the output voltage and
it should pull and hold the voltage of EN pin less than 0.3V. Another one is
the main supply voltage whose purpose is for main power conversion, to
keep the power dissipation low, and to make the dropout voltage lower.
Internally, in the UTC LXXLD20, there’re many functions which can be
seen in the block figure to prevent the IC from being damaged. Internal
Power-On-Reset (POR) circuit can control the two supply voltages to
prevent fault operations of the circuit; the thermal shutdown circuit is able
to protect the device from over thermal operation, and a current limit
function will keep the device work safely under current over-loads.
The UTC LXXLD20 can be used as an ideal to provide well supply
voltage in the applications, such as front-side-bus termination on
motherboard, NB applications, front side bus VTT (1.2V/2A) and note book
PC applications.
FEATURES
* Low Dropout VD=0.15V@ IOUT=2A
* Low ESR Output Capacitor
* VREF=0.8V
* ±1.5% over Line, Load and Temperature Output Accuracy
* Fast Transient Response
* Output Voltage Adjustable through External Resistors
* POR(Power-On-Reset) controlling VCNTL and VIN
* With internal Soft-Start
* Internal Current Limit Protection
* Internal Under Voltage Protection
* Hysteretic Thermal Shutdown
* With Power-OK Output (with a Delay Time)
* For Standby or Suspend Mode: Shutdown
HSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
LXXLD20G-SH2-R
HSOP-8
Tape Reel
Note: XX: Output Voltage, refer to Marking Information.


Similar Part No. - LADLD20G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LADLD20G-SH2-R UTC-LADLD20G-SH2-R Datasheet
254Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LADLD20G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LADLD30 UTC-LADLD30 Datasheet
220Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD15 UTC-LXXLD15 Datasheet
216Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70 UTC-LXXLD70 Datasheet
230Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD10 UTC-LADLD10 Datasheet
252Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD20 UTC-LADLD20 Datasheet
254Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD15 UTC-LXXLD15_14 Datasheet
233Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD30 UTC-LXXLD30_16 Datasheet
250Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD50 UTC-LXXLD50_16 Datasheet
347Kb / 11P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD10 UTC-LXXLD10 Datasheet
250Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70 UTC-LXXLD70_V01 Datasheet
267Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com