Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9273BG-33-AB5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LR9273BG-33-AB5-R
Description  SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9273BG-33-AB5-R Datasheet(HTML) 6 Page - Unisonic Technologies

  LR9273BG-33-AB5-R Datasheet HTML 1Page - Unisonic Technologies LR9273BG-33-AB5-R Datasheet HTML 2Page - Unisonic Technologies LR9273BG-33-AB5-R Datasheet HTML 3Page - Unisonic Technologies LR9273BG-33-AB5-R Datasheet HTML 4Page - Unisonic Technologies LR9273BG-33-AB5-R Datasheet HTML 5Page - Unisonic Technologies LR9273BG-33-AB5-R Datasheet HTML 6Page - Unisonic Technologies LR9273BG-33-AB5-R Datasheet HTML 7Page - Unisonic Technologies LR9273BG-33-AB5-R Datasheet HTML 8Page - Unisonic Technologies LR9273BG-33-AB5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LR9273
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R502-A30.c
ELECTRICAL CHARACTERISTICS
LR9273B/D-xx (Adjustable Output Voltage Type)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Voltage
VIN
1.4
6.0
V
Supply Current
ISS
VOUT=VADJ, VIN=2.0, VCE=VIN
60
100
µA
Standby Current
Istandby VIN=6.0V, VCE=0V
0.1
1.0
µA
Reference Voltage for
Adjustable Voltage Regulator
VOUT
VOUT=VADJ, VIN=2.0V, IOUT=100mA
1.176 1.200 1.224
V
Output Voltage Range
RVOUT
1.0
VIN
V
VIN=1.4V, 1mA≤IOUT≤300mA
-15
-2
15
mV
Load Regulation
OUT
OUT
∆I
∆V
VIN=1.7V, 1mA≤IOUT≤1A
-3
mV
IOUT=300mA
0.70
V
Dropout Voltage
VDIF
VOUT=VADJ
IOUT=1A
0.56
V
Line Regulation
IN
OUT
∆V
∆V
VOUT=VADJ, IOUT=100mA, 1.5V≤VIN ≤6.0V
0.05
0.20
%/V
Ripple Rejection
RR
f=1kHz Ripple 0.5Vp-p, VOUT=VADJ,
VIN=2.5V, IOUT=100mA
70
dB
Output Voltage Temperature
Coefficient
OPT
OUT
∆T
∆V
IOUT=100mA, -40°С≤TOPT≤85°С
±100
ppm/°С
Output Current
ILIM
VOUT=VADJ, VIN=2.0
1
A
Short Current Limit
ISC
VOUT=VADJ=0V
250
mA
Pull-Down Resistance for
CE PIn
RPD
5.0
MΩ
High
VCEH
1.2
6.0
V
CE Input Voltage
Low
VCEL
0
0.4
V
Thermal Shutdown Detector
Threshold Temperature
TTSD
Junction temperature
150
°С



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com