Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R18LD10L-TN5-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # R18LD10L-TN5-R
Description  LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R18LD10L-TN5-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button R18LD10L-TN5-R Datasheet HTML 3Page - Unisonic Technologies R18LD10L-TN5-R Datasheet HTML 4Page - Unisonic Technologies R18LD10L-TN5-R Datasheet HTML 5Page - Unisonic Technologies R18LD10L-TN5-R Datasheet HTML 6Page - Unisonic Technologies R18LD10L-TN5-R Datasheet HTML 7Page - Unisonic Technologies R18LD10L-TN5-R Datasheet HTML 8Page - Unisonic Technologies R18LD10L-TN5-R Datasheet HTML 9Page - Unisonic Technologies R18LD10L-TN5-R Datasheet HTML 10Page - Unisonic Technologies R18LD10L-TN5-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RXXLD10
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
1111
www.unisonic.com.tw
QW-R102-025.G
TYPICAL CHARACTERISTICS
2
0
1
1
1.8
1.5
0.5
0
1.2
VIN = 2.35V
VIN = 2.5V
Overcurrent Protection Characteristics
(R18LD10)
Output Current, IoUT (A)
0.6
0.4
1.6
1.4
0.8
0.2
VIN = 5V
VIN = 3.3V
VIN = 3V
2
0
1
1.5
2.5
1.5
0.5
0
Overcurrent Protection Characteristics
(R25LD10)
Output Current, IoUT (A)
0.5
2
1
VIN = 5V
VIN = 3.3V
VIN = 3V
VIN = 4.5V
VIN = 3.6V
2
0
1
3
1.5
0.5
0
2
VIN = 5.5V
Overcurrent Protection Characteristics
(R03LD10)
Output Current, IoUT (A)
1
2.5
1.5
0.5
VIN = 5V
VIN = 7V
VIN = 10V
2
0
1
2
3.5
1.5
0.5
0
2.5
VIN = 4.5V
Overcurrent Protection Characteristics
(R33LD10)
Output Current, IoUT (A)
1
3
1.5
0.5
VIN = 5V
VIN = 10V
VIN = 7V
VIN = 4.5V
VIN = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com