Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R33LD10L-TN5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # R33LD10L-TN5-R
Description  LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R33LD10L-TN5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  R33LD10L-TN5-R Datasheet HTML 1Page - Unisonic Technologies R33LD10L-TN5-R Datasheet HTML 2Page - Unisonic Technologies R33LD10L-TN5-R Datasheet HTML 3Page - Unisonic Technologies R33LD10L-TN5-R Datasheet HTML 4Page - Unisonic Technologies R33LD10L-TN5-R Datasheet HTML 5Page - Unisonic Technologies R33LD10L-TN5-R Datasheet HTML 6Page - Unisonic Technologies R33LD10L-TN5-R Datasheet HTML 7Page - Unisonic Technologies R33LD10L-TN5-R Datasheet HTML 8Page - Unisonic Technologies R33LD10L-TN5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
RXXLD10
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 11
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R102-025.G
LOW VOLTAGE OPERATION
LOW POWER-LOSS VOLTAGE
REGULATORS
FEATURES
* Operating Under Low Voltage Range (Minimum: 2.35V)
input 2.5V, Available Output around 1.5 ~ 1.8V
* Low Dissipation Current
* Built-in Overcurrent Protection and Over Temperature Protection
Functions
1
TO-252-5
TO-220F-4
1
SOP-8
HSOP-8
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
4
5
6
7
8
Packing
RXXLD10L-TF4-T
RXXLD10G-TF4-T
TO-220F-4
I
F O G
-
-
-
-
Tube
RXXLD10L-TN5-R
RXXLD10G-TN5-R
TO-252-5
I
F O N G
-
-
- Tape Reel
-
RXXLD10G-S08-R
SOP-8
F
I
O N G G G G Tape Reel
-
RXXLD10G-SH2-R
HSOP-8
F
I
O N G G G G Tape Reel
Note: Pin Assignment: I: INPUT F: ON/OFF O: OUTPUT N: NC G: GND


Similar Part No. - R33LD10L-TN5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
R33LD10 UTC-R33LD10 Datasheet
508Kb / 14P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R33LD10-TF4-R UTC-R33LD10-TF4-R Datasheet
126Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R33LD10-TF4-T UTC-R33LD10-TF4-T Datasheet
126Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R33LD10-TN5-R UTC-R33LD10-TN5-R Datasheet
126Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R33LD10-TN5-T UTC-R33LD10-TN5-T Datasheet
126Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results

Similar Description - R33LD10L-TN5-R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQ070XF01SZH SHARP-PQ070XF01SZH Datasheet
151Kb / 4P
TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
RXXLD10 ETL-RXXLD10 Datasheet
439Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10_V01 Datasheet
508Kb / 14P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com