Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09S282N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # AFT09S282N
Description  N-Channel Enhancement-Mode Lateral MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09S282N Datasheet(HTML) 4 Page - NXP Semiconductors

  AFT09S282N Datasheet HTML 1Page - NXP Semiconductors AFT09S282N Datasheet HTML 2Page - NXP Semiconductors AFT09S282N Datasheet HTML 3Page - NXP Semiconductors AFT09S282N Datasheet HTML 4Page - NXP Semiconductors AFT09S282N Datasheet HTML 5Page - NXP Semiconductors AFT09S282N Datasheet HTML 6Page - NXP Semiconductors AFT09S282N Datasheet HTML 7Page - NXP Semiconductors AFT09S282N Datasheet HTML 8Page - NXP Semiconductors AFT09S282N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
AFT09S282NR3
Figure 2. AFT09S282NR3 Test Circuit Component Layout
AFT09S282N
Rev. 0
C3
C4
C8
C8
R1
C2
C5
C1
C6
C7
R2
C18 C19 C23
C22
C13
C12
C11
C10
C20
C21
C24
C26*
C16 C17
C15
C14
C25
*C26 is mounted vertically.
C9
Table 6. AFT09S282NR3 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1
62 pF Chip Capacitor
ATC100B620JT500XT
ATC
C2, C5, C10, C13
4.7 pF Chip Capacitors
ATC600F4R7BT250XT
ATC
C3, C7, C14, C15, C22, C23 10 μF Chip Capacitors
GRM32ER71H106KA12L
Murata
C4, C6, C16, C17, C18, C19 47 pF Chip Capacitors
ATC600F470JT250XT
ATC
C8, C9, C11, C24
3.9 pF Chip Capacitors
ATC600F3R9BT250XT
ATC
C12, C20, C21
2.4 pF Chip Capacitors
ATC600F2R4BT250XT
ATC
C25
470 μF, 63 V Electrolytic Capacitor
MCGPR63V477M13X26-RH
Multicomp
C26
36 pF Chip Capacitor
ATC100B360JT500XT
ATC
R1, R2
6.04 Ω, 1/4 W Chip Resistor
CRCW12066R04FKEA
Vishay
PCB
0.020″, εr =3.5
RO4350
Rogers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com