Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM119 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AM119
Description  Dual-Band WLAN Dual Diplexer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM119 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AM119 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM119 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM119 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dual-Band WLAN Dual Diplexer 2.4–2.5 GHz and 5–6 GHz
AM119
2
Skyworks Solutions, Inc. [781] 376-3000
• Fax [781] 376-3100 • Email sales@skyworksinc.com • www.skyworksinc.com
Specifications subject to change without notice. 4/03A
-40
-35
-30
-25
-20
-15
-10
-5
0
S21
S11
Frequency (GHz)
IN 1 to LP1, Wideband
0123456
Frequency (GHz)
IN 1 to LP1, In Band
2.40
2.42
2.44
2.46
2.48
2.50
-2.50
-2.25
-2.00
-1.75
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0
-25.0
-22.5
-20.0
-17.5
-15.0
-12.5
-10.0
-7.5
-5.0
-2.5
0
S21
S11
Frequency (GHz)
IN 1 to HP1, Wideband
0123456
-40
-35
-30
-25
-20
-15
-10
-5
0
S21
S11
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
5.15
5.25
5.35
5.45
5.55
5.65
5.75
5.85
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
S21
S11
Frequency (GHz)
IN 1 to HP1, In Band
Frequency (GHz)
IN 2 to LP2, Wideband
0123456
-40
-35
-30
-25
-20
-15
-10
-5
0
S21
S11
Frequency (GHz)
IN 2 to LP2, In Band
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
2.40
2.42
2.44
2.46
2.48
2.50
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
S21
S11
Typical Performance Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com