Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1601 Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1601
Description  Step-Up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1601 Datasheet(HTML) 2 Page - Anachip Corp

  AP1601 Datasheet HTML 1Page - Anachip Corp AP1601 Datasheet HTML 2Page - Anachip Corp AP1601 Datasheet HTML 3Page - Anachip Corp AP1601 Datasheet HTML 4Page - Anachip Corp AP1601 Datasheet HTML 5Page - Anachip Corp AP1601 Datasheet HTML 6Page - Anachip Corp AP1601 Datasheet HTML 7Page - Anachip Corp AP1601 Datasheet HTML 8Page - Anachip Corp AP1601 Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP1601
Step-Up DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Apr. 14, 2005
2/9
Ordering Information
Package
M8: MSOP-8L
AP1601
X
X X
Packing
Blank : Tube
A
: Taping
M10: MSOP-10L
Lead Free
Blank : Normal
L : Lead Free Package
Block Diagram
S
Q
R
F/F
TRIG
One-Shot
Q
One-Shot
Q
TRIG
Maximum
On-Time
One-Shot
Error
Amplifier
Current-Limit
Amplifier
Low-Battery
Comparator
Reference
Zero
Crossing
Amplifier
Minimum
Off-Time
One-Shot
LBO
LBI
Damping
Switch
OUT
LX
GND
BATT
FB
REF
0.1uF
22uH
R1
200
R5
R6
0.1uF
47uF
47uF
SHDN
CLSEL
V
OUT
R2
100k
V
IN
R3
R4
P
N
V
IN
EN
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com