Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICROFOX-F-DB Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # MICROFOX-F-DB
Description  Through-connected joint for permanent stability and optimum distribution of force
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

MICROFOX-F-DB Datasheet(HTML) 1 Page - PHOENIX CONTACT

  MICROFOX-F-DB Datasheet HTML 1Page - PHOENIX CONTACT MICROFOX-F-DB Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1212796
03/10/2016   Page 1 / 2
Flat-nosed pliers - MICROFOX-F_DB - 1212796
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Electronic flat-nose pliers, smooth gripping surface, with opening spring, type of packaging: holder for sales
display (backcard)
Product Features
■ Through-connected joint for permanent stability and optimum distribution of force
■ Opening spring for uniform, smooth opening
■ Ergonomically designed two-component handles for fatigue-proof and non-slip use
■ Made from special high-grade tool steel
■ Mirror-polished and oiled metal surfaces, which provide maximum rust protection
Key Commercial Data
Packing unit
1 pc
Custom tariff number
82032000
Country of origin
Germany
Technical data
Dimensions
Length (b)
120 mm
Classifications
eCl@ss
eCl@ss 4.0
21040301
eCl@ss 4.1
21040301
eCl@ss 5.0
21040301
eCl@ss 5.1
21040301
eCl@ss 6.0
21043817
eCl@ss 7.0
21043817
eCl@ss 8.0
21043817


Similar Part No. - MICROFOX-F-DB

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
MICROFOX-F-ESD PHOENIX-MICROFOX-F-ESD Datasheet
49Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-F-ESD-DB PHOENIX-MICROFOX-F-ESD-DB Datasheet
46Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
More results

Similar Description - MICROFOX-F-DB

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
MICROFOX-F PHOENIX-MICROFOX-F Datasheet
49Kb / 2P
Through-connected joint for permanent stability and optimum distribution of force
MICROFOX-P PHOENIX-MICROFOX-P Datasheet
49Kb / 2P
Through-connected joint for permanent stability and optimum distribution of force
MICROFOX-PC PHOENIX-MICROFOX-PC Datasheet
49Kb / 2P
Through-connected joint for permanent stability and optimum distribution of force
MICROFOX-SP-1 PHOENIX-MICROFOX-SP-1 Datasheet
49Kb / 2P
Through-connected joint for permanent stability and optimum distribution of force
MICROFOX-EO-DB PHOENIX-MICROFOX-EO-DB Datasheet
43Kb / 2P
Through-connected joint for permanent stability and optimum distribution of force
MICROFOX-PC-DB PHOENIX-MICROFOX-PC-DB Datasheet
44Kb / 2P
Through-connected joint for permanent stability and optimum distribution of force
MICROFOX-P-DB PHOENIX-MICROFOX-P-DB Datasheet
43Kb / 2P
Through-connected joint for permanent stability and optimum distribution of force
MICROFOX-P-ESD-DB PHOENIX-MICROFOX-P-ESD-DB Datasheet
46Kb / 2P
Screwed precision-joint for permanent stability and optimum results
MICROFOX-SP-1-DB PHOENIX-MICROFOX-SP-1-DB Datasheet
43Kb / 2P
Through-connected joint for permanent stability and optimum distribution of force
1837336 PHOENIX-1837336 Datasheet
91Kb / 3P
Closed contour for optimum stability of the plug-in connection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com