Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8603 Datasheet(PDF) 2 Page - PLX Technology

Part # PEX8603
Description  3-lane, 3-port PCIe Gen2 switch Integrate 5.0 GT/s SerDes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8603 Datasheet(HTML) 2 Page - PLX Technology

  PEX8603 Datasheet HTML 1Page - PLX Technology PEX8603 Datasheet HTML 2Page - PLX Technology PEX8603 Datasheet HTML 3Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PEX8603, PCI Express Gen 2 Switch, 3 Lanes, 3 Ports
© PLX Technology, www.plxtech.com
Page 2 of 3
8/17/2011, Version 1.1
Flexible Port Configurations
The PEX8603 flexible architecture supports a number of port
configurations as required by the target applications as shown in
figure 1 below.
Figure 1. Port Configurations
SerDes Power and Signal Management
The PEX8603 provides low power capability that is fully
compliant with the PCI Express power management
specification. In addition, the SerDes physical links can be
turned off when unused for even lower power. The PEX8603
supports software control of the SerDes outputs to allow
optimization of power and signal strength in a system. The PLX
SerDes implementation supports four levels of power – off, low,
typical, and high. The SerDes block also supports loop-back
modes and advanced reporting of error conditions, which
enables efficient debug and management of the entire system.
Port Arbitration and QoS
The PEX8603 switch supports hardware fixed Round-Robin
Ingress Port Arbitration. The PEX8603 also supports Eight
Traffic Classes (TCs) as defined in the PCIe specification.
Applications
Suitable for fan-out, consumer, control plane applications,
and embedded systems, PEX8603 is suited for a wide variety
of form factors and applications.
Dual-Band Wireless Adapter
The PEX8603 switch, with its small package and low power can
be used in consumer applications such as a dual-band wireless
adapter.
Figure 2. Dual-band Wireless Adapter
With WAKE#/Beacon support integrated in the switch, the
PEX8603 is well suited for low power consumer applications
such as that described in Figure 2 of a dual-band wireless
adapter.
Modem Set-top Box
With its small footprint, the PEX8603 is ideal for consumer
applications. Figure 3 shows a high level diagram for a modem
set-top box. The PEX8603 provides connectivity to a WiFi
controller for immediate use as well as future expansion.
Figure 3. Modem Set-top Box Block Diagram
Fan-Out
The PEX8603 can be used in as a fan-out switch to provide
additional x1ports. The PEX8603 SerDes can function at
2.5GT/s or 5
Figure 4. Fan-out
Bandwidth Bridge
There are three PCIe lanes available in the PEX8603. Each one
can represent an individual port or alternatively two can be
joined to form a x2 port. A x2 port can provide double the
bandwidth of a x1 port when all lanes are operating at the same
data rates (all at 2.5GT/s or 5.0GT/s). In some instances, the
need to match the bandwidth between devices running at
different data rates (2.5GT/s vs 5.0GT/s) is required to sustain
the performance of the faster device. Figure 5 provides an
PEX 8603
x1
x1
x1
PEX 8603
x2
x1
x1
x1
..
PEX 8603
PCH
CPU
2.5GT/s; 5.0GT/s
Gen1
x1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com