Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8713 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8713
Description  12-lane, 10-port PCIe Gen 3 switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8713 Datasheet(HTML) 1 Page - PLX Technology

  PEX8713 Datasheet HTML 1Page - PLX Technology PEX8713 Datasheet HTML 2Page - PLX Technology PEX8713 Datasheet HTML 3Page - PLX Technology PEX8713 Datasheet HTML 4Page - PLX Technology PEX8713 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PEX 8713, PCI Express Gen 3 Switch, 12 Lanes, 10 Ports
© PLX Technology, www.plxtech.com
Page 1 of 5
8/1/2011, Version 1.0
Highlights
PEX 8713 General Features
o 12-lane, 10-port PCIe Gen 3 switch
- Integrated 8.0 GT/s SerDes
o 19 x 19mm2, 324-pin FCBGA package
o Typical Power: 4.7 Watts
o Native x2 support
PEX 8713 Key Features
o Standards Compliant
- PCI Express Base Specification, r3.0
(compatible w/ PCIe r1.0a/1.1 & 2.0)
- PCI Power Management Spec, r1.2
- Microsoft Vista Compliant
- Supports Access Control Services
- Dynamic link-width control
- Dynamic SerDes speed control
o High Performance
performancePAK
 Read Pacing (bandwidth throttling)
 Multicast
 Dynamic Buffer/FC Credit Pool
- Non-blocking switch fabric
- Full line rate on all ports
- Packet Cut-Thru with 138ns max packet
latency (x4 to x4)
- 2KB Max Payload Size
o Integrated DMA Engine
- Four DMA Channels
- Internal Descriptor Support
- DMA function independent from
transparent switch function
- 64-bit Addressing
- Pre-fetch Descriptor Mode
- Stride Mode
o Multi-Host & Fail-Over Support
- 2 Configurable Non-Transparent ports
- Failover with Non-Transparent port
- Up to 2 upstream/Host ports with 1+1
failover to other upstream port
o Quality of Service (QoS)
- Two Virtual Channels
- Eight traffic classes per port
- Weighted round-robin source
port arbitration
o Reliability, Availability, Serviceability
 visionPAK
 Per Port Performance Monitoring
 SerDes Eye Capture
 PCIe Packet Generator
 Error Injection and Loopback
- 3 Hot Plug Ports with native HP Signals
- All ports hot plug capable thru I2C
- SSC Isolation on up to 3 ports
- ECRC and Poison bit support
- Data Path parity
- Memory (RAM) Error Correction
- Advanced Error Reporting
- Port Status bits and GPIO available
- JTAG AC/DC boundary scan
The ExpressLane™ PEX 8713 device offers Multi-Host PCI Express
switching capability enabling users to connect multiple hosts to their
respective
endpoints
via
scalable,
high
bandwidth,
non-blocking
interconnection to a wide variety of applications including servers, storage,
communications, and graphics platforms. The PEX 8713 is well suited for
fan-out, aggregation, and peer-to-peer traffic patterns.
Multi-Host Architecture
The PEX 8713 employs an enhanced version of PLX’s field tested PEX 8712
PCIe switch architecture, which allows users to configure the device in legacy
single-host mode or multi-host mode with up to two host ports capable of 1+1
(one active & one backup) host failover. This powerful architectural
enhancement enables users to build PCIe based systems to support high-
availability, failover, redundant, or clustered systems.
High Performance & Low Packet Latency
The PEX 8713 architecture supports packet cut-thru with a maximum
latency of 138ns (x4 to x4). This, combined with large packet memory,
flexible common buffer/FC credit pool and non-blocking internal switch
architecture, provides full line rate on all ports for performance-hungry
applications such as servers and switch fabrics. The low latency enables
applications to achieve high throughput and performance. In addition to low
latency, the device supports a packet payload size of up to 2048 bytes,
enabling the user to achieve even higher throughput.
Integrated DMA Engine
The PEX 8713 boasts a versatile and powerful built-in DMA engine. The
DMA engine removes the burden of having to move data between devices
away from the processor – allowing the processor to perform computational
tasks instead. The four DMA channels can support high data rate transfers
between I/O devices connected to any of the switch’s ports. Additionally, the
DMA engine in the PEX 8713 can be used to complement the DMA engine in
the processor by providing additional DMA channels for higher performance.
Data Integrity
The PEX 8713 provides end-to-end CRC (ECRC) protection and Poison bit
support to enable designs that require end-to-end data integrity. PLX also
supports data path parity and memory (RAM) error correction circuitry
throughout the internal data paths as packets pass through the switch.
Flexible Configuration
The
PEX
8713’s
10
ports
can
be
configured to lane widths of x1, x2, x4, or
x8. Flexible buffer allocation, along with
the device's flexible packet flow control,
maximizes throughput for applications
where
more
traffic
flows
in
the
downstream,
rather
than
upstream,
direction. Any port can be designated as
the upstream port, which can be changed
dynamically. Figure 1 shows some of the
PEX 8713’s common port configurations
in legacy Single-Host mode.


Similar Part No. - PEX8713

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8713 AVAGO-PEX8713 Datasheet
688Kb / 5P
PCI Express Gen 3 Switch
More results

Similar Description - PEX8713

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8612 PLX-PEX8612 Datasheet
183Kb / 4P
PCIe Gen2, 5.0GT/s 12-lane, 3-port Switch
PEX8613 PLX-PEX8613 Datasheet
204Kb / 4P
PCIe Gen 2, 5.0GT/s 12-lane, 3-port Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8612 AVAGO-PEX8612 Datasheet
196Kb / 4P
PCIe Gen2, 5.0GT/s 12-lane, 3-port Switch
PEX8613 AVAGO-PEX8613 Datasheet
202Kb / 4P
PCIe Gen 2, 5.0GT/s 12-lane, 3-port Switch
logo
PLX Technology
PEX8712 PLX-PEX8712 Datasheet
469Kb / 5P
12-lane, 3-port PCIe Gen 3 switch Integrated 8.0 GT/s SerDes
PEX8714 PLX-PEX8714 Datasheet
375Kb / 4P
12-lane, 5-port PCIe Gen3 switch
PEX8716 PLX-PEX8716 Datasheet
436Kb / 5P
16-lane, 4-port PCIe Gen 3 switch
PEX8717 PLX-PEX8717 Datasheet
716Kb / 5P
16-lane, 10-port PCIe Gen 3 switch
PEX8724 PLX-PEX8724 Datasheet
337Kb / 5P
24-lane, 6-port PCIe Gen 3 switch
PEX8732 PLX-PEX8732 Datasheet
719Kb / 5P
32-lane, 8-port PCIe Gen 3 switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com