Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8714 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8714
Description  12-lane, 5-port PCIe Gen3 switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8714 Datasheet(HTML) 1 Page - PLX Technology

  PEX8714 Datasheet HTML 1Page - PLX Technology PEX8714 Datasheet HTML 2Page - PLX Technology PEX8714 Datasheet HTML 3Page - PLX Technology PEX8714 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PEX8714, PCI Express Gen3 Switch, 12 Lanes, 5 Ports
© PLX Technology, www.plxtech.com
Page 1 of 4
10Sep12; v1.0
Highlights
PEX8714 General Features
o 12-lane, 5-port PCIe Gen3 switch
- Integrated 8.0 GT/s SerDes
o 19 x 19mm2, 324-ball FCBGA package
o Typical Power: 2.7 Watts
PEX8714 Key Features
o Standards Compliant
- PCI Express Base Specification, r3.0
(compatible w/ PCIe r1.0a/1.1 & 2.0)
- PCI Power Management Spec, r1.2
- Microsoft Windows Logo Compliant
- Supports Access Control Services
- Dynamic link-width control
- Dynamic SerDes speed control
o High Performance
 performancePAK
 Multicast
 Dynamic Buffer/FC Credit Pool
- Non-blocking switch fabric
- Full line rate on all ports
- Cut-Thru with 154ns max packet latency
- 2KB Max Payload Size
o Multi-Host & Fail-Over Support
- 1 Configurable Non-Transparent ports
- Failover with Non-Transparent port
o Quality of Service (QoS)
- Traffic Class Queuing
- Eight traffic classes per port
- Weighted round-robin source
port arbitration
o Reliability, Availability, Serviceability
 visionPAK
 Per Port Performance Monitoring
 SerDes Eye Capture
 PCIe Packet Generator
 Error Injection and Loopback
- 1 Hot-Plug port with native HP Signals
- All ports Hot-Plug capable thru I2C
- SSC Isolation on up to 4 ports
- ECRC and Poison bit support
- Data Path parity
- Memory (RAM) Error Correction
- Advanced Error Reporting
- Port Status bits and GPIO available
- JTAG AC/DC boundary scan
The ExpressLane
TM PEX8714 device offers Multi-Host PCI Express
switching capability enabling users to connect multiple hosts to their
respective endpoints via scalable, high bandwidth, non-blocking
interconnection to a wide variety of applications including servers, storage
systems, and communications platforms. The PEX8714 is well suited for
fan-out, aggregation, and peer-to-peer applications.
Multi-Host Architecture
The PEX8714 employs an enhanced architecture, which allows users to
configure the device in legacy single-host mode or multi-host mode with up
to two host ports by using NT capability. This powerful architectural
enhancement enables users to build PCIe based systems to support high-
availability, failover, redundant and clustered systems.
High Performance & Low Packet Latency
The PEX8714 architecture supports packet cut-thru with a maximum
latency of 158ns (x4 to x4). This, combined with large packet memory,
flexible common buffer/FC credit pool and non-blocking internal switch
architecture, provides full line rate on all ports for performance-hungry
applications such as servers and switch fabrics. The low latency enables
applications to achieve high throughput and performance. In addition to low
latency, the device supports a packet payload size of up to 2048 bytes,
enabling the user to achieve even higher throughput.
Data Integrity
The PEX8714 provides end-to-end CRC (ECRC) protection and Poison bit
support to enable designs that require end-to-end data integrity. PLX also
supports data path parity and memory (RAM) error correction circuitry
throughout the internal data paths as packets pass through the switch.
Flexible Configuration
The PEX8714’s 5 ports can be configured
to lane widths of x2, x4, or x8. Flexible
buffer allocation, along with the device's
flexible packet flow control, maximizes
throughput for applications where more
traffic flows in the downstream, rather
than upstream, direction. Any port can be
designated as the upstream port, which
can be changed dynamically. Figure 1
shows some of the
PEX8714’s common port configurations
in legacy Single-Host mode.


Similar Part No. - PEX8714

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8714 AVAGO-PEX8714 Datasheet
375Kb / 4P
PCI Express Gen3 Switch
More results

Similar Description - PEX8714

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8525 PLX-PEX8525 Datasheet
277Kb / 4P
High-Performance 24-lane, 5-port PCIe Switch
PEX8612 PLX-PEX8612 Datasheet
183Kb / 4P
PCIe Gen2, 5.0GT/s 12-lane, 3-port Switch
PEX8632 PLX-PEX8632 Datasheet
203Kb / 4P
PCIe Gen2, 5.0GT/s 32-lane, 12-port Switch
PEX8648 PLX-PEX8648 Datasheet
230Kb / 4P
PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8612 AVAGO-PEX8612 Datasheet
196Kb / 4P
PCIe Gen2, 5.0GT/s 12-lane, 3-port Switch
PEX8632 AVAGO-PEX8632 Datasheet
227Kb / 4P
PCIe Gen2, 5.0GT/s 32-lane, 12-port Switch
PEX8648 AVAGO-PEX8648 Datasheet
254Kb / 4P
PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
logo
PLX Technology
PEX8713 PLX-PEX8713 Datasheet
688Kb / 5P
12-lane, 10-port PCIe Gen 3 switch
PEX8718 PLX-PEX8718 Datasheet
348Kb / 4P
16-lane, 5-port PCIe Gen3 switch
logo
Renesas Technology Corp
89HPES12NT12G2 RENESAS-89HPES12NT12G2 Datasheet
433Kb / 33P
12-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 16, 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com