Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8717 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8717
Description  16-lane, 10-port PCIe Gen 3 switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8717 Datasheet(HTML) 1 Page - PLX Technology

  PEX8717 Datasheet HTML 1Page - PLX Technology PEX8717 Datasheet HTML 2Page - PLX Technology PEX8717 Datasheet HTML 3Page - PLX Technology PEX8717 Datasheet HTML 4Page - PLX Technology PEX8717 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PEX 8717, PCI Express Gen 3 Switch, 16 Lanes, 10 Ports
© PLX Technology, www.plxtech.com
Page 1 of 5
8/1/2011, Version 1.0
Highlights
PEX 8717 General Features
o 16-lane, 10-port PCIe Gen 3 switch
- Integrated 8.0 GT/s SerDes
o 19 x 19mm2, 324-pin FCBGA package
o Typical Power: 4.9 Watts
o Native x2 support
PEX 8717 Key Features
o Standards Compliant
- PCI Express Base Specification, r3.0
(compatible w/ PCIe r1.0a/1.1 & 2.0)
- PCI Power Management Spec, r1.2
- Microsoft Vista Compliant
- Supports Access Control Services
- Dynamic link-width control
- Dynamic SerDes speed control
o High Performance
performancePAK
 Read Pacing (bandwidth throttling)
 Multicast
 Dynamic Buffer/FC Credit Pool
- Non-blocking switch fabric
- Full line rate on all ports
- Packet Cut-Thru with 138ns max packet
latency (x4 to x4)
- 2KB Max Payload Size
o Integrated DMA Engine
- Four DMA Channels
- Internal Descriptor Support
- DMA function independent from
transparent switch function
- 64-bit Addressing
- Pre-fetch Descriptor Mode
- Stride Mode
o Multi-Host & Fail-Over Support
- 2 Configurable Non-Transparent ports
- Failover with Non-Transparent port
- Up to 2 upstream/Host ports with 1+1
failover to other upstream port
o Quality of Service (QoS)
- Two Virtual Channels
- Eight traffic classes per port
- Weighted round-robin source
port arbitration
o Reliability, Availability, Serviceability
 visionPAK
 Per Port Performance Monitoring
 SerDes Eye Capture
 PCIe Packet Generator
 Error Injection and Loopback
- 3 Hot Plug Ports with native HP Signals
- All ports hot plug capable thru I2C
- SSC Isolation on up to 4 ports
- ECRC and Poison bit support
- Data Path parity
- Memory (RAM) Error Correction
- Advanced Error Reporting
- Port Status bits and GPIO available
- JTAG AC/DC boundary scan
The ExpressLane™ PEX 8717 device offers Multi-Host PCI Express
switching capability enabling users to connect multiple hosts to their
respective
endpoints
via
scalable,
high
bandwidth,
non-blocking
interconnection to a wide variety of applications including servers, storage,
communications, and graphics platforms. The PEX 8717 is well suited for
fan-out, aggregation, and peer-to-peer traffic patterns.
Multi-Host Architecture
The PEX 8717 employs an enhanced version of PLX’s field tested PEX 8716
PCIe switch architecture, which allows users to configure the device in legacy
single-host mode or multi-host mode with up to two host ports capable of 1+1
(one active & one backup) host failover. This powerful architectural
enhancement enables users to build PCIe based systems to support high-
availability, failover, redundant, or clustered systems.
High Performance & Low Packet Latency
The PEX 8717 architecture supports packet cut-thru with a maximum
latency of 138ns (x4 to x4). This, combined with large packet memory,
flexible common buffer/FC credit pool and non-blocking internal switch
architecture, provides full line rate on all ports for performance-hungry
applications such as servers and switch fabrics. The low latency enables
applications to achieve high throughput and performance. In addition to low
latency, the device supports a packet payload size of up to 2048 bytes,
enabling the user to achieve even higher throughput.
Integrated DMA Engine
The PEX 8717 boasts a versatile and powerful built-in DMA engine. The
DMA engine removes the burden of having to move data between devices
away from the processor – allowing the processor to perform computational
tasks instead. The four DMA channels can support high data rate transfers
between I/O devices connected to any of the switch’s ports. Additionally, the
DMA engine in the PEX 8717 can be used to complement the DMA engine in
the processor by providing additional DMA channels for higher performance.
Data Integrity
The PEX 8717 provides end-to-end CRC (ECRC) protection and Poison bit
support to enable designs that require end-to-end data integrity. PLX also
supports data path parity and memory (RAM) error correction circuitry
throughout the internal data paths as packets pass through the switch.
Flexible Configuration
The PEX 8717’s 10 ports can be
configured to lane widths of x1, x2, x4,
or x8. Flexible buffer allocation, along
with the device's flexible packet flow
control,
maximizes
throughput
for
applications where more traffic flows in
the downstream, rather than upstream,
direction. Any port can be designated as
the upstream port, which can be changed
dynamically. Figure 1 shows some of the
PEX 8717’s common port configurations
in legacy Single-Host mode.


Similar Part No. - PEX8717

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8717 AVAGO-PEX8717 Datasheet
716Kb / 5P
PCI Express Gen 3 Switch
More results

Similar Description - PEX8717

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8613 PLX-PEX8613 Datasheet
204Kb / 4P
PCIe Gen 2, 5.0GT/s 12-lane, 3-port Switch
PEX8617 PLX-PEX8617 Datasheet
391Kb / 4P
PCIe Gen 2, 5.0GT/s 16-lane, 4-port Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8613 AVAGO-PEX8613 Datasheet
202Kb / 4P
PCIe Gen 2, 5.0GT/s 12-lane, 3-port Switch
PEX8617 AVAGO-PEX8617 Datasheet
384Kb / 4P
PCIe Gen 2, 5.0GT/s 16-lane, 4-port Switch
logo
PLX Technology
PEX8712 PLX-PEX8712 Datasheet
469Kb / 5P
12-lane, 3-port PCIe Gen 3 switch Integrated 8.0 GT/s SerDes
PEX8713 PLX-PEX8713 Datasheet
688Kb / 5P
12-lane, 10-port PCIe Gen 3 switch
PEX8716 PLX-PEX8716 Datasheet
436Kb / 5P
16-lane, 4-port PCIe Gen 3 switch
PEX8718 PLX-PEX8718 Datasheet
348Kb / 4P
16-lane, 5-port PCIe Gen3 switch
PEX8724 PLX-PEX8724 Datasheet
337Kb / 5P
24-lane, 6-port PCIe Gen 3 switch
PEX8732 PLX-PEX8732 Datasheet
719Kb / 5P
32-lane, 8-port PCIe Gen 3 switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com