Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8718 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8718
Description  16-lane, 5-port PCIe Gen3 switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8718 Datasheet(HTML) 1 Page - PLX Technology

  PEX8718 Datasheet HTML 1Page - PLX Technology PEX8718 Datasheet HTML 2Page - PLX Technology PEX8718 Datasheet HTML 3Page - PLX Technology PEX8718 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PEX8718, PCI Express Gen3 Switch, 16 Lanes, 5 Ports
© PLX Technology, www.plxtech.com
Page 1 of 4
10Sep12; v1.0
Highlights
PEX8718 General Features
o 16-lane, 5-port PCIe Gen3 switch
- Integrated 8.0 GT/s SerDes
o 19 x 19mm2, 324-ball FCBGA package
o Typical Power: 2.9 Watts
PEX8718 Key Features
o Standards Compliant
- PCI Express Base Specification, r3.0
(compatible w/ PCIe r1.0a/1.1 & 2.0)
- PCI Power Management Spec, r1.2
- Microsoft Windows Logo Compliant
- Supports Access Control Services
- Dynamic link-width control
- Dynamic SerDes speed control
o High Performance
 performancePAK
 Multicast
 Dynamic Buffer/FC Credit Pool
- Non-blocking switch fabric
- Full line rate on all ports
- Cut-Thru with 154ns max packet latency
- 2KB Max Payload Size
o Multi-Host & Fail-Over Support
- 1 Configurable Non-Transparent ports
- Failover with Non-Transparent port
o Quality of Service (QoS)
- Traffic Class Queuing
- Eight traffic classes per port
- Weighted round-robin source
port arbitration
o Reliability, Availability, Serviceability
 visionPAK
 Per Port Performance Monitoring
 SerDes Eye Capture
 PCIe Packet Generator
 Error Injection and Loopback
- 1 Hot-Plug port with native HP Signals
- All ports Hot-Plug capable thru I2C
- SSC Isolation on up to 4 ports
- ECRC and Poison bit support
- Data Path parity
- Memory (RAM) Error Correction
- Advanced Error Reporting
- Port Status bits and GPIO available
- JTAG AC/DC boundary scan
The ExpressLane
TM PEX8718 device offers Multi-Host PCI Express
switching capability enabling users to connect multiple hosts to their
respective endpoints via scalable, high bandwidth, non-blocking
interconnection to a wide variety of applications including servers, storage
systems, and communications platforms. The PEX8718 is well suited for
fan-out, aggregation, and peer-to-peer applications.
Multi-Host Architecture
The PEX8718 employs an enhanced architecture, which allows users to
configure the device in legacy single-host mode or multi-host mode with up
to two host ports by using NT capability. This powerful architectural
enhancement enables users to build PCIe based systems to support high-
availability, failover, redundant and clustered systems.
High Performance & Low Packet Latency
The PEX8718 architecture supports packet cut-thru with a maximum
latency of 154ns (x8 to x8). This, combined with large packet memory,
flexible common buffer/FC credit pool and non-blocking internal switch
architecture, provides full line rate on all ports for performance-hungry
applications such as servers and switch fabrics. The low latency enables
applications to achieve high throughput and performance. In addition to low
latency, the device supports a packet payload size of up to 2048 bytes,
enabling the user to achieve even higher throughput.
Data Integrity
The PEX8718 provides end-to-end CRC (ECRC) protection and Poison bit
support to enable designs that require end-to-end data integrity. PLX also
supports data path parity and memory (RAM) error correction circuitry
throughout the internal data paths as packets pass through the switch.
Flexible Configuration
The PEX8718’s 5 ports can be configured to
lane widths of x2, x4, or x8. Flexible buffer
allocation, along with the device's flexible
packet flow control, maximizes throughput
for applications where more traffic flows in
the downstream, rather than upstream,
direction. Any port can be designated as the
upstream port, which can be changed
dynamically. Figure 1 shows some of the
PEX8718’s common port configurations in
legacy Single-Host mode.


Similar Part No. - PEX8718

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8718 AVAGO-PEX8718 Datasheet
348Kb / 4P
PCI Express Gen3 Switch
More results

Similar Description - PEX8718

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8525 PLX-PEX8525 Datasheet
277Kb / 4P
High-Performance 24-lane, 5-port PCIe Switch
PEX8616 PLX-PEX8616 Datasheet
199Kb / 4P
PCIe Gen2, 5.0GT/s 16-lane, 4-port Switch
PEX8617 PLX-PEX8617 Datasheet
391Kb / 4P
PCIe Gen 2, 5.0GT/s 16-lane, 4-port Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8616 AVAGO-PEX8616 Datasheet
215Kb / 4P
PCIe Gen2, 5.0GT/s 16-lane, 4-port Switch
logo
PLX Technology
PEX8714 PLX-PEX8714 Datasheet
375Kb / 4P
12-lane, 5-port PCIe Gen3 switch
PEX8716 PLX-PEX8716 Datasheet
436Kb / 5P
16-lane, 4-port PCIe Gen 3 switch
PEX8717 PLX-PEX8717 Datasheet
716Kb / 5P
16-lane, 10-port PCIe Gen 3 switch
logo
Renesas Technology Corp
89HPES16NT16G2 RENESAS-89HPES16NT16G2 Datasheet
435Kb / 34P
16-Lane 16-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
89HPES64H16AG2 RENESAS-89HPES64H16AG2 Datasheet
671Kb / 63P
64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
89HPES64H16G2 RENESAS-89HPES64H16G2 Datasheet
659Kb / 58P
64-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com