Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSD2004C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GSD2004C
Description  Dual Common Cathode Small Signal High Voltage Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSD2004C Datasheet(HTML) 2 Page - Vishay Siliconix

  GSD2004C Datasheet HTML 1Page - Vishay Siliconix GSD2004C Datasheet HTML 2Page - Vishay Siliconix GSD2004C Datasheet HTML 3Page - Vishay Siliconix GSD2004C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GSD2004C
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 13-Feb-18
2
Document Number: 85424
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Typical Instantaneous Forward Characteristics
Fig. 2 - Typical Reverse Characteristics
LAYOUT FOR RthJA TEST
Thickness:
Fiberglass 1.5 mm (0.059 in.)
Copper leads 0.3 mm (0.012 in.)
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
IR = 100 μA
VBR
300
V
Leakage current
VR = 240 V
IR
100
nA
VR = 240 V, Tj = 150 °C
IR
100
μA
Forward voltage
IF = 20 mA
VF
0.83
0.87
V
IF = 100 mA
VF
1V
Diode capacitance
VF = VR = 0, f = 1 MHz
CD
5pF
Reverse recovery time
IF = IR = 30 mA, iR = 3 mA,
RL = 100 
trr
50
ns
18543
= 150
°C
TJ
100
°C
25
°C
100
1000
200 300 400 500 600 700 800 900
100
10
1
0.1
VF - Forward Voltage ( mV )
18544
10 2
10 3
10 4
10 5
10
0
50
100
150
200
250
VR - Reverse Voltage ( V )
= 150
°C
TJ
100
°C
25
°C
17451
15 (0.59)
12 (0.47)
0.8 (0.03)
5 (0.2)
7.5 (0.3)
3 (0.12)
1 (0.4)
1 (0.4)
2 (0.8)
2 (0.8)
1.5 (0.06)
5.1 (0.2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com