Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0701070053 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0701070053
Description  SL Wire-to-Wire Panel Mount Crimp Housing, Single Row, Version B, with Mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0701070053 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0701070053_18 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/21/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0701070053
Status:
Active
Overview:
SL Modular Connectors
Description:
SL Wire-to-Wire Panel Mount Crimp Housing, Single Row, Version B, with Mounting
Ears, 19 Circuits, Black
Documents:
3D Model
Product Specification TS-70541-001-001 (PDF)
Drawing (PDF)
Packaging Specification PK-70107-100 (PDF)
Product Specification PS-70400-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
70107
Application
Signal, Wire-to-Wire
Comments
Version B with Mounting Ears
Overview
SL Modular Connectors
Product Name
SL
UPC
800755031409
Physical
Circuits (maximum)
19
Color - Resin
Black
Flammability
94V-0
Gender
Plug
Glow-Wire Capable
No
Lock to Mating Part
None
Material - Resin
Polyester
Net Weight
3.931/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
2.54mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40° to +105°C
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70107-100
Product Specification
PS-70400-001, TS-70541-001-001
Sales Drawing
SD-70107-0036-0059
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/61/2018 (27 June
2018)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
70107 Series
Mates With
70066 SL Crimp Housing A, G and D
(Notes: Version C and H will not mate to the
70107 housing series), 70400 SL Insulation
Displacement Connector Assembly,
Version G Housing, 70430 SL Single Row
Receptacle, Version G
Use With
70021 SL Crimp Terminal
This document was generated on 08/21/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0701070053_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0701070053 MOLEX8-0701070053 Datasheet
178Kb / 4P
2.54mm (.100") Pitch SL Wire-to-Wire Panel Mount Crimp Housing, Single Row, Version B
More results

Similar Description - 0701070053_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0701070036 MOLEX1-0701070036_17 Datasheet
33Kb / 1P
SL Wire-to-Wire Panel Mount Crimp Housing, Single Row, Version B, with Mounting
0701070045 MOLEX1-0701070045_17 Datasheet
33Kb / 1P
SL Wire-to-Wire Panel Mount Crimp Housing, Single Row, Version B, with Mounting Ears
0701070054 MOLEX1-0701070054_17 Datasheet
33Kb / 1P
SL Wire-to-Wire Panel Mount Crimp Housing, Single Row, Version B, with Mounting Ears
0701070057 MOLEX1-0701070057_17 Datasheet
33Kb / 1P
SL Wire-to-Wire Panel Mount Crimp Housing, Single Row, Version B, with Mounting
0701070036 MOLEX1-0701070036_18 Datasheet
36Kb / 1P
SL Wire-to-Wire Panel Mount Crimp Housing, Single Row, Version B, with Mounting Ears
0701070038 MOLEX1-0701070038_18 Datasheet
36Kb / 1P
SL Wire-to-Wire Panel Mount Crimp Housing, Single Row, Version B, with Mounting Ears
0701070039 MOLEX1-0701070039_18 Datasheet
36Kb / 1P
SL Wire-to-Wire Panel Mount Crimp Housing, Single Row, Version B, with Mounting Ears
0701070040 MOLEX1-0701070040_18 Datasheet
36Kb / 1P
SL Wire-to-Wire Panel Mount Crimp Housing, Single Row, Version B, with Mounting Ears
0701070042 MOLEX1-0701070042_18 Datasheet
36Kb / 1P
SL Wire-to-Wire Panel Mount Crimp Housing, Single Row, Version B, with Mounting Ears
0701070050 MOLEX1-0701070050_18 Datasheet
36Kb / 1P
SL Wire-to-Wire Panel Mount Crimp Housing, Single Row, Version B, with Mounting Ears
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com