Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA07167 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07167
Description  SAW Filter 145.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07167 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07167 Datasheet HTML 1Page - Golledge Electronics Ltd MA07167 Datasheet HTML 2Page - Golledge Electronics Ltd MA07167 Datasheet HTML 3Page - Golledge Electronics Ltd MA07167 Datasheet HTML 4Page - Golledge Electronics Ltd MA07167 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 145.0MHz
Model: TB0403A
Part No: MA07167
REV. NO.: 1
TB0403A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -40
C ~ +85 C
2. Storage Temperature: -40
C ~ +85 C
B. CHARACTERISTICS:
1. Ambient Temperature: 25°C
Characteristics
Value
Note.
Min.
Max.
Center frequency
FC
MHz
-
145
-
-
Pass bandwidth (rel. attenuation <=1.0dB)
-
23
-
-
Maximum Insertion loss I.L.
dB
-
14
16
-
3dB Bandwidth
MHz
-
6.0
6.2
20dB Bandwidth
MHz
-
7.5
7.6
40dB Bandwidth
MHz
-
10
11
Passband Ripple (143~147MHz)
dB
-
0.8
1
-
Group Delay Ripple (143~147MHz)
nS
-
90
-
-
Attenuation:( Reference level from minimum insertion loss)
1)
DC ~ 135 MHz
40
47
-
-
2)
135MHz ~ 139 MHz
dB
40
44
-
-
3)
151MHz ~ 155 MHz
dB
35
40
-
-
4)
155MHz ~ 255 MHz
dB
40
43
-
-
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - MA07167

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07106 GOLLEDGE-MA07106 Datasheet
110Kb / 4P
SAW Filter 184.0MHz
MA07107 GOLLEDGE-MA07107 Datasheet
121Kb / 4P
169MHz SAW Filter
MA07194 GOLLEDGE-MA07194 Datasheet
98Kb / 4P
SAW Resonator 776.795MHz
More results

Similar Description - MA07167

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com