Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA07632 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07632
Description  SAW Filter 80.0MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07632 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07632 Datasheet HTML 1Page - Golledge Electronics Ltd MA07632 Datasheet HTML 2Page - Golledge Electronics Ltd MA07632 Datasheet HTML 3Page - Golledge Electronics Ltd MA07632 Datasheet HTML 4Page - Golledge Electronics Ltd MA07632 Datasheet HTML 5Page - Golledge Electronics Ltd MA07632 Datasheet HTML 6Page - Golledge Electronics Ltd MA07632 Datasheet HTML 7Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 80.0MHz
Model: TB0292A
Part No: MA07632
Rev No: 5
TB0292A v5
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. Operating Temperature: -40°C to +65°C
3. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Center frequency Fc
MHz
80
-
Insertion Loss IL at Fc
dB
9.89
11.5
1dB Bandwidth
MHz
8.4
11
3dB Bandwidth
MHz
9.0
11.7
35dB Bandwidth
MHz
-
14.2
Amplitude Ripple in Fc ± 3.7MHz
dB
-
0.6
1.0
Group Delay ripple in Fc ± 3.7MHz
ns
-
110
160
Relative Attenuation:
10 to 71
dB
40
43
89 to 140
dB
40
44
Substrate Material
YZ-LN
Temperature Coefficient of Frequency
ppm/°C
-94


Similar Part No. - MA07632

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07630 GOLLEDGE-MA07630 Datasheet
369Kb / 6P
SAW Filter 916.450MHz
MA07635 GOLLEDGE-MA07635 Datasheet
102Kb / 4P
SAW Filter 868.60MHz
More results

Similar Description - MA07632

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SU-A2D10 NEL-SU-A2D10 Datasheet
130Kb / 2P
Frequency Range: 80.0MHz to 350.0MHz
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
Oscilent Corporation
821-IF80.0M-20C OSCILENT-821-IF80.0M-20C Datasheet
215Kb / 6P
80.0MHz IF SAW Filter 19.82 MHz Bandwidth
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com