Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA07742 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07742
Description  SAW Filter 163.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07742 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07742 Datasheet HTML 1Page - Golledge Electronics Ltd MA07742 Datasheet HTML 2Page - Golledge Electronics Ltd MA07742 Datasheet HTML 3Page - Golledge Electronics Ltd MA07742 Datasheet HTML 4Page - Golledge Electronics Ltd MA07742 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 163.0MHz
Model: TB0276A
Part No: MA07742
REV. NO.: 1
TB0276A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 5V
3. Operating Temperature: -30°C to 65°C
4. Storage Temperature: -40°C to 85°C
B. ELECTRICAL CHARACTERISTICS: (operating temperature : 25°C)
Item
Unit
Min.
Type.
Max.
Note
Center frequency, Fc
MHz
-
163
-
1
Minimum Insertion Loss, (Fc±12.5KHz ) IL
dB
-
3.4
6.0
1
Passband Ripple (Fc±12.5KHz )
dB
-
0.1
1.0
1
Group delay ripple (Fc±12.5KHz ),
GD
s
-
0.4
2.5
1
Attenuation:(Reference level from Min IL)
Fc - 10 ~ Fc - 2
MHz
dB
55
65
-
-
Fc - 2 ~ Fc - 1
MHz
dB
50
70
-
-
Fc - 1 ~ Fc - 0.35 MHz
dB
40
57
-
-
Fc - 0.35 ~ Fc - 0.1 MHz
dB
8
21
-
-
Fc + 0.1 ~ Fc + 0.35 MHz
dB
8
21
-
-
Fc + 0.35 ~ Fc + 1 MHz
dB
40
57
-
-
Fc + 1 ~ Fc + 2
MHz
dB
50
70
-
-
Fc + 2 ~ Fc + 10
MHz
dB
55
60
-
-
Note1. Considering -13 KHz frequency shift from –30°C to +65°


Similar Part No. - MA07742

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07741 GOLLEDGE-MA07741 Datasheet
346Kb / 5P
SAW Filter 2441.80MHz
MA07746 GOLLEDGE-MA07746 Datasheet
94Kb / 4P
SAW Filter 343.5MHz
More results

Similar Description - MA07742

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com