Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA07913 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07913
Description  SAW Filter 190.0MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07913 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07913 Datasheet HTML 1Page - Golledge Electronics Ltd MA07913 Datasheet HTML 2Page - Golledge Electronics Ltd MA07913 Datasheet HTML 3Page - Golledge Electronics Ltd MA07913 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 190.0MHz
Model: TB0293A
Part No: MA07913
REV. NO.: 1
TB0293A v1
1
A. MAXIMUM RATING:
1.Operating Temperature: -40
°C ~ +80 °C
2. Storage Temperature: -40
°C ~ +85 °C
B. CHARACTERISTICS:
1. Ambient Temperature: 25
°
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency
FC
MHz
-
190
-
-
1dB Bandwidth
MHz
10
15
3dB Bandwidth
MHz
-
18
-
-
Maximum Insertion loss I.L.
dB
-
8.0
10
-
Passband Ripple (185~195MHz)
dB
-
0.8
1
-
Group Delay Ripple (185~195MHz)
nS
-
46
100
-
Attenuation:( Reference level from minimum insertion loss)
1)
DC ~ 100 MHz
45
54
-
-
2)
100 ~ 149 MHz
dB
30
34
-
-
3)
190 ~ 250 MHz
dB
30
34
-
-
4)
250~ 300 MHz
dB
45
50
-
C. OUTLINE DRAWING:


Similar Part No. - MA07913

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07904 GOLLEDGE-MA07904 Datasheet
54Kb / 5P
SAW Filter 35.46MHz
MA07934 GOLLEDGE-MA07934 Datasheet
208Kb / 5P
240.0MHz SAW Filter
MA07956 GOLLEDGE-MA07956 Datasheet
162Kb / 5P
SAW Filter 815.50MHz
MA07972 GOLLEDGE-MA07972 Datasheet
266Kb / 5P
SAW Filter 713.0MHz
MA07973 GOLLEDGE-MA07973 Datasheet
194Kb / 5P
SAW Filter 743.0MHz
More results

Similar Description - MA07913

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA06396 GOLLEDGE-MA06396 Datasheet
90Kb / 4P
SAW Filter 190.0MHz
MP03498 GOLLEDGE-MP03498 Datasheet
59Kb / 5P
SAW Filter 190.0MHz
MP04740 GOLLEDGE-MP04740 Datasheet
219Kb / 5P
SAW Filter 190.0MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com