Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA07934 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07934
Description  240.0MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07934 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07934 Datasheet HTML 1Page - Golledge Electronics Ltd MA07934 Datasheet HTML 2Page - Golledge Electronics Ltd MA07934 Datasheet HTML 3Page - Golledge Electronics Ltd MA07934 Datasheet HTML 4Page - Golledge Electronics Ltd MA07934 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
240.0MHz SAW Filter
Model: TB0270A
Part No: MA07934
REV NO.: 1
TB0270A v1
1
A. MAXIMUM RATING:
1.Operating Temperature: -40
°C ~ 80 °C
2. Storage Temperature: -40
°C ~ +85 °C
B. CHARACTERISTICS:
1. Ambient Temperature: 25
°C
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency
FC
MHz
-
240
-
-
Minimum Insertion loss I.L.
dB
-
7.7
8.5
-
Passband ripple (Fc±7MHz)
dB
-
0.8
1.4
-
Phase linearity (Fc±6.3MHz)(p-p)
deg
-
6
15
-
Return loss at Input and Output (Fc±6.3MHz ) dB
9.5
12
1
-
Group Delay (Fc±7MHz)
μ S
-
0.6
1
-
Group Delay Ripple (Fc±7MHz)
nS
-
33
100
1
Triple transit suppression TTS
dB
-
45
40
-
Attenuation:( Reference level from minimum insertion loss)
dB
1) any 3.5MHz interval within Fc±7MHz
dB
-
0.5
1
-
2) 150 MHz ~ 210 MHz
dB
40
48
-
-
3) 210 MHz ~ 218 MHz
dB
40
47
-
-
4) 218 MHz ~ 224 MHz
dB
38
42
-
5) 218 MHz
dB
40
49
-
-
6) 256 MHz ~ 258 MHz
dB
35
39
-
7) 258 MHz ~ 262 MHz
dB
35
39
-
8) 262 MHz ~ 330 MHz
dB
35
40
-
Note 1 : measurement with smoothing; smoothing aperture <= 50kHz
C. MEASUREMENT CIRCUIT:


Similar Part No. - MA07934

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07904 GOLLEDGE-MA07904 Datasheet
54Kb / 5P
SAW Filter 35.46MHz
MA07913 GOLLEDGE-MA07913 Datasheet
168Kb / 4P
SAW Filter 190.0MHz
MA07956 GOLLEDGE-MA07956 Datasheet
162Kb / 5P
SAW Filter 815.50MHz
MA07972 GOLLEDGE-MA07972 Datasheet
266Kb / 5P
SAW Filter 713.0MHz
MA07973 GOLLEDGE-MA07973 Datasheet
194Kb / 5P
SAW Filter 743.0MHz
More results

Similar Description - MA07934

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA07210 GOLLEDGE-MA07210 Datasheet
267Kb / 6P
SAW Filter 240.0MHz
MP01703 GOLLEDGE-MP01703 Datasheet
136Kb / 5P
240.0MHz SAW Filter
MP05570 GOLLEDGE-MP05570 Datasheet
139Kb / 5P
SAW Filter: 240.0MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com