Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICROFOX-R-ESD-DB Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # MICROFOX-R-ESD-DB
Description  Ergonomically designed two-component handles for fatigue-proof and non-slip use
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

MICROFOX-R-ESD-DB Datasheet(HTML) 1 Page - PHOENIX CONTACT

  MICROFOX-R-ESD-DB Datasheet HTML 1Page - PHOENIX CONTACT MICROFOX-R-ESD-DB Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1212803
03/10/2016   Page 1 / 2
Pointed pliers - MICROFOX-R ESD_DB - 1212803
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
ESD electronic round-nose pliers, smooth gripping surface, with opening spring, non-reflective coating and
phosphate-treated, 2-component handle, type of packaging: with holder for sales display (backcard)
Product Features
Ergonomically designed two-component handles for fatigue-proof and non-slip use
Opening spring for uniform, smooth opening
Mirror-polished and phosphate-treated metal surfaces for optimum rust protection and no glare when working
Made from special high-grade tool steel
Screwed precision-joint for permanent stability and optimum results
The special conductive plastic handles ensure slow and safe removal of electrostatic energy according to standards and directives such as
DIN EN 61340-5
Key Commercial Data
Packing unit
1 pc
Custom tariff number
82032000
Country of origin
Germany
Technical data
Dimensions
Length (b)
125 mm
Classifications
eCl@ss
eCl@ss 5.1
21040301
eCl@ss 6.0
21043706


Similar Part No. - MICROFOX-R-ESD-DB

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
MICROFOX-R-ESD PHOENIX-MICROFOX-R-ESD Datasheet
49Kb / 2P
Mirror-polished and phosphate-treated metal surfaces for optimum rust protection and no glare when working
More results

Similar Description - MICROFOX-R-ESD-DB

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SHN-8 PHOENIX-SHN-8 Datasheet
45Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
SHN-13 PHOENIX-SHN-13 Datasheet
45Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-E PHOENIX-MICROFOX-E Datasheet
49Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-E-ESD PHOENIX-MICROFOX-E-ESD Datasheet
49Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-F-ESD PHOENIX-MICROFOX-F-ESD Datasheet
49Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-E-ESD-DB PHOENIX-MICROFOX-E-ESD-DB Datasheet
46Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-F-ESD-DB PHOENIX-MICROFOX-F-ESD-DB Datasheet
46Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-R-DB PHOENIX-MICROFOX-R-DB Datasheet
43Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-SB-DB PHOENIX-MICROFOX-SB-DB Datasheet
43Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
MICROFOX-SP-DB PHOENIX-MICROFOX-SP-DB Datasheet
43Kb / 2P
Ergonomically designed two-component handles for fatigue-proof and non-slip use
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com