Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFNT Datasheet(PDF) 1 Page - All Sensors Corporation

Part # CFNT
Description  CFNT Package Dwg
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

CFNT Datasheet(HTML) 1 Page - All Sensors Corporation

  CFNT Datasheet HTML 1Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.025
0.64
0.010
0.25
0.124
3.15
0.158
4.03
0.400
10.16
0.200
5.08
0.060
1.52
0.351
8.93
0.100
2.54
0.020
0.51
Pin 1 2 3 4
Pin 8 7 6 5
Part Marking
0.200
5.08
0.044
1.12
Absolute devices
are without port hole.
E. DEJARNETTE 07/09/09
NOTE
1) Dimensions are in inches [mm].
2) For suggested pad layout, see drawing: PAD-04
CFNT Package Dwg
DO NOT SCALE DRAWING
CFNT Rev B
SHEET 1 OF 1
UNLESS OTHERWISE SPECIFIED:
SCALE: 2:1
REV
FILE NAME
A
SIZE
TITLE:
DIMENSIONS ARE IN INCHES
TOLERANCES:
FRACTIONAL
ANGULAR: MACH
BEND
TWO PLACE DECIMAL
THREE PLACE DECIMAL
5
4
3
2
1
All Sensors
NAME
DATE
Q.A.
MFG APPR.
ENG APPR.
CHECKED
DRAWN
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF ALL
SENSORS CORPORATION. ANY REPRODUCTION IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION OF ALL SENSORS CORPORATION IS PROHIBITED.
Pin 1
Identier
(Yellow Paint Dot)


Similar Part No. - CFNT

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CFN TEC-CFN Datasheet
142Kb / 2P
3-phase Delta Power Line Filter for High Voltage Applications
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
Metal Foil, Current Sense Resistor
logo
Clarke International
CFN CLARKE-CFN Datasheet
3Mb / 16P
AIR FRAME NAILER
GC1122 - REV 1
logo
Bourns Electronic Solut...
CFN-A BOURNS-CFN-A Datasheet
591Kb / 6P
CFN-A Series Metal Foil, Current Sensing Chip Resistor
CFN0402 BOURNS-CFN0402 Datasheet
604Kb / 6P
CFN Series Metal Foil, Current Sense Resistor
More results

Similar Description - CFNT

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
42115 MICROPAC-42115 Datasheet
165Kb / 3P
OPERATIONAL AMPLIFIER DSCC DWG 5962-9082801
51992 MICROPAC-51992 Datasheet
100Kb / 3P
CURRENT DRIVER DSCC DWG 5962-87617
logo
Vicor Corporation
14565 VICOR-14565 Datasheet
43Kb / 1P
INDUCTOR DWG, 21T/#15W/TAPE
logo
Advanced Technical Mate...
90-270X-X ATM-90-270X-X Datasheet
117Kb / 1P
OUTLINE DWG. WR90 VIDEO DETECTOR
logo
List of Unclassifed Man...
SGC3S060 ETC2-SGC3S060 Datasheet
110Kb / 1P
OUTLINE DWG SGC3 PRODUCT LINE
SGC3S300 ETC2-SGC3S300 Datasheet
110Kb / 1P
OUTLINE DWG SGC3 PRODUCT LINE
logo
All Sensors Corporation
CFFD ASC-CFFD Datasheet
323Kb / 1P
CFFD Package Dwg
CFND ASC-CFND Datasheet
389Kb / 1P
CFND Package Dwg
CFNQ ASC-CFNQ Datasheet
244Kb / 1P
CFNQ Package Dwg
logo
Amphenol Corporation
AC3MI AMPHENOL-AC3MI Datasheet
71Kb / 1P
AC3MI LINE CONNECTOR CUSTOMER DWG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com