Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPPT Datasheet(PDF) 1 Page - All Sensors Corporation

Part # CPPT
Description  Dimensions are in inches [mm]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

CPPT Datasheet(HTML) 1 Page - All Sensors Corporation

  CPPT Datasheet HTML 1Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.025
0.64
0.010
0.25
0.124
3.15
0.158
4.03
0.300
7.62
3°
Port A
Port B
0.400
10.16
0.200
5.08
0.060
1.52
0.351
8.93
0.100
2.54
0.020
0.51
Pin 1 2 3 4
Pin 8 7 6 5
Part Marking
E. DEJARNETTE 07/09/09
NOTE
1) Dimensions are in inches [mm].
2) For suggested pad layout, see drawing: PAD-04
CPPT Package Dwg
DO NOT SCALE DRAWING
CPPT Rev B
SHEET 1 OF 1
UNLESS OTHERWISE SPECIFIED:
SCALE: 2:1
REV
FILE NAME
A
SIZE
TITLE:
DIMENSIONS ARE IN INCHES
TOLERANCES:
FRACTIONAL
ANGULAR: MACH
BEND
TWO PLACE DECIMAL
THREE PLACE DECIMAL
5
4
3
2
1
All Sensors
NAME
DATE
Q.A.
MFG APPR.
ENG APPR.
CHECKED
DRAWN
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF ALL
SENSORS CORPORATION. ANY REPRODUCTION IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION OF ALL SENSORS CORPORATION IS PROHIBITED.
Pin 1
Identier
(Yellow Paint Dot)


Similar Part No. - CPPT

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
CPP-100G JUNIPER-CPP-100G Datasheet
737Kb / 4P
Junos Space Cross Provisioning Platform
CPP-10G JUNIPER-CPP-10G Datasheet
737Kb / 4P
Junos Space Cross Provisioning Platform
CPP-1G JUNIPER-CPP-1G Datasheet
737Kb / 4P
Junos Space Cross Provisioning Platform
logo
Ferroxcube Internationa...
CPP-22-3S FERROXCUBE-CPP-22-3S Datasheet
39Kb / 1P
CPP-P22/13-3S
logo
Juniper Networks, Inc.
CPP-40G JUNIPER-CPP-40G Datasheet
737Kb / 4P
Junos Space Cross Provisioning Platform
More results

Similar Description - CPPT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28L0138-80R-10 ETC2-28L0138-80R-10 Datasheet
169Kb / 1P
DIMENSIONS ARE IN mm (INCHES)
logo
All Sensors Corporation
CPFT ASC-CPFT Datasheet
420Kb / 1P
Dimensions are in inches [mm]
CPND ASC-CPND Datasheet
402Kb / 1P
Dimensions are in inches [mm]
CPNQ ASC-CPNQ Datasheet
255Kb / 1P
Dimensions are in inches [mm]
CPNR ASC-CPNR Datasheet
291Kb / 1P
Dimensions are in inches [mm]
CPNS ASC-CPNS Datasheet
292Kb / 1P
Dimensions are in inches [mm]
CPPD ASC-CPPD Datasheet
376Kb / 1P
Dimensions are in inches [mm]
CPPS ASC-CPPS Datasheet
211Kb / 1P
Dimensions are in inches [mm]
E1ND ASC-E1ND Datasheet
43Kb / 1P
Dimensions are in inches [mm]
E2ND ASC-E2ND Datasheet
37Kb / 1P
Dimensions are in inches [mm]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com