Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2NQ Datasheet(PDF) 1 Page - All Sensors Corporation

Part # P2NQ
Description  For suggested pad layout, see drawing: PAD-01
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

P2NQ Datasheet(HTML) 1 Page - All Sensors Corporation

  P2NQ Datasheet HTML 1Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.425
10.79
0.500
12.70
0.020
0.51
0.100
2.54
0.082
2.09
Port B
Port A
Pin 1 2 3 4
0.084
2.12
0.025
0.64
0.282
7.17
0.070
1.78
0.046
1.16
0.040
1.01
0.129
3.27
A
0.158
4.03
0.010
0.25
3°
DETAIL A
SCALE 4 : 1
P2NQ Package Dwg
E. DEJARNETTE 07/15/09
NOTES
1) Dimensions are in inches [mm].
2) For suggested pad layout, see drawing: PAD-02
DO NOT SCALE DRAWING
P2NQ Package Rev B
SHEET 1 OF 1
UNLESS OTHERWISE SPECIFIED:
SCALE: 5:1
REV
FILE NAME
A
SIZE
TITLE:
DIMENSIONS ARE IN INCHES
TOLERANCES:
FRACTIONAL
ANGULAR: MACH
BEND
TWO PLACE DECIMAL
THREE PLACE DECIMAL
5
4
3
2
1
All Sensors
NAME
DATE
Q.A.
MFG APPR.
ENG APPR.
CHECKED
DRAWN
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF ALL
SENSORS CORPORATION. ANY REPRODUCTION IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION OF ALL SENSORS CORPORATION IS PROHIBITED.


Similar Part No. - P2NQ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
P2N04L03 INFINEON-P2N04L03 Datasheet
297Kb / 8P
OptiMOS Power-Transistor
2003-05-22
logo
Motorola, Inc
P2N2222 MOTOROLA-P2N2222 Datasheet
238Kb / 6P
Amplifier Transistors
logo
TRANSYS Electronics Lim...
P2N2222 TEL-P2N2222 Datasheet
86Kb / 3P
NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
P2N2222 CDIL-P2N2222 Datasheet
245Kb / 4P
NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Motorola, Inc
P2N2222A MOTOROLA-P2N2222A Datasheet
238Kb / 6P
Amplifier Transistors
More results

Similar Description - P2NQ

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
CFFS ASC-CFFS Datasheet
275Kb / 1P
For suggested pad layout, see drawing: PAD-01
CPFR ASC-CPFR Datasheet
290Kb / 1P
For suggested pad layout, see drawing: PAD-01
EGBD ASC-EGBD Datasheet
42Kb / 1P
For suggested pad layout, see drawing: PAD-01
EGNJ ASC-EGNJ Datasheet
44Kb / 1P
For suggested pad layout, see drawing: PAD-01
EGNL ASC-EGNL Datasheet
39Kb / 1P
For suggested pad layout, see drawing: PAD-01
P1BR ASC-P1BR Datasheet
226Kb / 1P
For suggested pad layout, see drawing: PAD-01
P1NR ASC-P1NR Datasheet
228Kb / 1P
For suggested pad layout, see drawing: PAD-01
P2BS ASC-P2BS Datasheet
220Kb / 1P
For suggested pad layout, see drawing: PAD-01
PTNQ ASC-PTNQ Datasheet
250Kb / 1P
For suggested pad layout, see drawing: PAD-01
PTNR ASC-PTNR Datasheet
238Kb / 1P
For suggested pad layout, see drawing: PAD-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com