Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7710 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV7710
Description  Vacuum Fluorescent Display (VFD) Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7710 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV7710 Datasheet HTML 7Page - STMicroelectronics STV7710 Datasheet HTML 8Page - STMicroelectronics STV7710 Datasheet HTML 9Page - STMicroelectronics STV7710 Datasheet HTML 10Page - STMicroelectronics STV7710 Datasheet HTML 11Page - STMicroelectronics STV7710 Datasheet HTML 12Page - STMicroelectronics STV7710 Datasheet HTML 13Page - STMicroelectronics STV7710 Datasheet HTML 14Page - STMicroelectronics STV7710 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/19
STV7710/WAF
ABSOLUTE MAXIMUM RATINGS
5
ABSOLUTE MAXIMUM RATINGS
Note: 1 Through one power output.
2 Through one power output for all power outputs (see Figure 5:Test configuration page16) with
Junction temperature lower than or equal to Tjmax
ESD Susceptibility
Human Body Model: 100pF; 1.5K
Ω
All pins withstand
±2Kv except Data_A and Data_B: 1.2Kv
Symbol
Parameter
Value
Unit
Vcc
Logic supply range
-0.3, +7
V
Vpp
Driver supply range
-0.3, +90
V
Vin
Logic input voltage range
-0.3, Vcc+0.3
V
Ipout
Driver output current (Note 1)(Note 2)
-40 / +30
mA
Tjmax
Maximum junction temperature
125
°C
Tstg
Storage temperature range
-30, +150
°C
Vout
Output power voltage range
-0.3, +90
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com