Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7710/WAF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV7710/WAF
Description  Vacuum Fluorescent Display (VFD) Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7710/WAF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV7710/WAF Datasheet HTML 5Page - STMicroelectronics STV7710/WAF Datasheet HTML 6Page - STMicroelectronics STV7710/WAF Datasheet HTML 7Page - STMicroelectronics STV7710/WAF Datasheet HTML 8Page - STMicroelectronics STV7710/WAF Datasheet HTML 9Page - STMicroelectronics STV7710/WAF Datasheet HTML 10Page - STMicroelectronics STV7710/WAF Datasheet HTML 11Page - STMicroelectronics STV7710/WAF Datasheet HTML 12Page - STMicroelectronics STV7710/WAF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/19
STV7710/WAF
CIRCUIT DESCRIPTION
4
CIRCUIT DESCRIPTION
4.1
Pin description
4.2
Data bus configuration
This table describes the position of the first data sampled by the first rising edge of the CLK signal.
Table 5: STV7710/WAF pin description
Symbol
Function
Description
OUT(01-96)
Output
Power output
VSSP
Ground
Ground of power outputs
VPP
Supply
High voltage supply of power outputs
BLK
Input
Blanking input
POC
Input
Power output control input
F/R
Input
Selection of shift direction
VCC
Supply
5V logic supply
VSSLOG
Ground
Logic ground
VSSSUB
Ground
Substrate ground
CLK
Input
Clock of data shift register
STB
Input
Latch of data to outputs
DATA_A
Input/output
Shift register input
DATA_B
Input/output
Shift register output
TEST
Input
Test input pin
Table 6: STV7710/WAF data bus configuration
F/R Input
Data shift
Output
CLK
01
02
03
04
05
06
...
91
92
93
94
95
96
H
DATA_A Output
01
0203040506
91
9293
949596
DATA_B Forward
shift
L
DATA_B Output
96
9594939291
06
0504
030201
DATA_A Reverse
shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com